전자부품 데이터시트 검색엔진 |
|
SB1R5-2415S 데이터시트(PDF) 3 Page - Astrodyne Corporation |
|
SB1R5-2415S 데이터시트(HTML) 3 Page - Astrodyne Corporation |
3 / 4 page Isolated and Regulated 1.5 WATT Modular DC/DC Converters SB1R5 series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 INPUT SPECIFICATIONS Input Voltage Ranges: 5 VDC Nominal 4.5-5.5 VDC 12 VDC Nominal 10.8-13.2 VDC 24 VDC Nominal 21.6-26.4 VDC 48 VDC Nominal 43.2-52.8 VDC OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Load Regulation 10% to FL +/- 0.5% Line Regulation (HL-LL) +/- 0.3% Temperature Coefficient +/-0.02%/°C Ripple/Noise(Single/Dual) 0.7% +40mVp-p max. Voltage Accuracy +/- 3% Short Circuit Protection Continuous Efficiency 55D, 125D, 245D, 485D 52% 512S, 512D, 515D, 1212S, 1212D, 1215D, 2412S, 2412D, 2415D, 4812S, 4812D, 4815D 54% 55S, 515S, 524S, 125S, 1215S, 1224S, 245S, 2415S, 2424S, 485S,4815S, 4824S 55% GENERAL SPECIFICATIONS Input-Out Isolation 500VDC Isolation Resistance 10-9nth Ohm min. Switching Frequency 20Khz ENVIRONMENTAL SPECIFICATIONS Oper. Temperature -25 to +71°C(FL) Storage Temperature -55 to +105°C * Cooling Free Air Convection MTBF 568,608 Hrs PHYSICAL SPECIFICATIONS Case Material Non-Conductive Black Plastic Construction Fully Encapsulated Weight 0.5 oz, (13g) * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted |
유사한 부품 번호 - SB1R5-2415S |
|
유사한 설명 - SB1R5-2415S |