전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2019 데이터시트(PDF) 7 Page - Analog Devices

부품명 SSM2019
상세설명  Self-Contained Audio Preamplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2019 데이터시트(HTML) 7 Page - Analog Devices

  SSM2019 Datasheet HTML 1Page - Analog Devices SSM2019 Datasheet HTML 2Page - Analog Devices SSM2019 Datasheet HTML 3Page - Analog Devices SSM2019 Datasheet HTML 4Page - Analog Devices SSM2019 Datasheet HTML 5Page - Analog Devices SSM2019 Datasheet HTML 6Page - Analog Devices SSM2019 Datasheet HTML 7Page - Analog Devices SSM2019 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
SSM2019
–7–
RG
C4
200pF
Z1
Z2
Z3
Z4
R1
10k
R2
10k
R3
6.8k
1%
R4
6.8k
1%
+IN
–IN
R5
100
C3
47 F
C1
C2
VOUT
+18V
–18V
C1, C2: 22 F TO 47 F, 63V, TANTALUM OR ELECTROLYTIC
Z1–Z4: 12V, 1/2W
RG1
RG2
SSM2019
+48V
Figure 4. SSM2019 in Phantom Powered Microphone Circuit
INPUTS
The SSM2019 has protection diodes across the base emitter
junctions of the input transistors. These prevent accidental
avalanche breakdown, which could seriously degrade noise
performance. Additional clamp diodes are also provided to prevent
the inputs from being forced too far beyond the supplies.
(INVERTING)
(NONINVERTING)
TRANSDUCER
SSM2019
a. Single-Ended
R
TRANSDUCER
SSM2019
R
b. Pseudo-Differential
TRANSDUCER
SSM2019
c. True Differential
Figure 3. Three Ways of Interfacing Transducers for
High Noise Immunity
Although the SSM2019 inputs are fully floating, care must be
exercised to ensure that both inputs have a dc bias connection
capable of maintaining them within the input common-mode
range. The usual method of achieving this is to ground one side
of the transducer as in Figure 3a. An alternative way is to float
the transducer and use two resistors to set the bias point as in
Figure 3b. The value of these resistors can be up to 10 k
W, but
they should be kept as small as possible to limit common-mode
pickup. Noise contribution by resistors is negligible since it is
attenuated by the transducer’s impedance. Balanced transducers
give the best noise immunity and interface directly as in Figure 3c.
For stability, it is required to put an RF bypass capacitor directly
across the inputs, as shown in Figures 3 and 4. This capacitor
should be placed as close as possible to the input terminals. Good
RF practice should also be followed in layout and power supply
bypassing, since the SSM2019 uses very high bandwidth devices.
REFERENCE TERMINAL
The output signal is specified with respect to the reference terminal,
which is normally connected to analog ground. The reference
may also be used for offset correction or level shifting. A refer-
ence source resistance will reduce the common-mode rejection
by the ratio of 5 k
W/RREF. If the reference source resistance is
1
W, then the CMR will be reduced to 74 dB (5 kW/1 W = 74 dB).
COMMON-MODE REJECTION
Ideally, a microphone preamplifier responds to only the difference
between the two input signals and rejects common-mode voltages
and noise. In practice, there is a small change in output voltage
when both inputs experience the same common-mode voltage
change; the ratio of these voltages is called the common-mode
gain. Common-mode rejection (CMR) is the logarithm of the ratio
of differential-mode gain to common-mode gain, expressed in dB.
PHANTOM POWERING
A typical phantom microphone powering circuit is shown in
Figure 4. Z1 to Z4 provide transient overvoltage protection for
the SSM2019 whenever microphones are plugged in or unplugged.


유사한 부품 번호 - SSM2019

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019 Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BNZ AD-SSM2019BNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results

유사한 설명 - SSM2019

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
   Self-Contained Audio Preamplifier
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com