전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD30D22HF-101MC 데이터시트(PDF) 4 Page - Sumida Corporation

부품명 CD30D22HF-101MC
상세설명  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD30D22HF-101MC 데이터시트(HTML) 4 Page - Sumida Corporation

  CD30D22HF-101MC Datasheet HTML 1Page - Sumida Corporation CD30D22HF-101MC Datasheet HTML 2Page - Sumida Corporation CD30D22HF-101MC Datasheet HTML 3Page - Sumida Corporation CD30D22HF-101MC Datasheet HTML 4Page - Sumida Corporation CD30D22HF-101MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 30-Jul-15
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD30D22
0
40
80
120
160
200
240
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
13. CD30D22HF-220MC
△T (℃)
L (
μH)
14. CD30D22HF-270MC
△T (℃)
L (
μH)
15. CD30D22HF-330MC
L (
μH)
DC (A)
17. CD30D22HF-470MC
△T (℃)
L (
μH)
18. CD30D22HF-680MC
DC (A)
16. CD30D22HF-390MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
19. CD30D22HF-101MC
△T (℃)
L (
μH)
20. CD30D22HF-151MC
△T (℃)
L (
μH)
DC (A)
21. CD30D22HF-221MC
DC (A)
DC (A)
△T (℃)
L (
μH)
L (25
℃)
△T


유사한 부품 번호 - CD30D22HF-101MC

제조업체부품명데이터시트상세설명
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGEOVER
logo
Continental Device Indi...
CD3001 CDIL-CD3001 Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
celduc-relais
CD30060100 CELDUC-CD30060100 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGEOVER
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
   1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3017B CDI-DIODE-CD3017B Datasheet
113Kb / 2P
   1 WATT CAPABILITY WITH PROPER HEAT SINKING
More results

유사한 설명 - CD30D22HF-101MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com