전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T1235H 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 T1235H
상세설명  12A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235H 데이터시트(HTML) 1 Page - STMicroelectronics

  T1235H Datasheet HTML 1Page - STMicroelectronics T1235H Datasheet HTML 2Page - STMicroelectronics T1235H Datasheet HTML 3Page - STMicroelectronics T1235H Datasheet HTML 4Page - STMicroelectronics T1235H Datasheet HTML 5Page - STMicroelectronics T1235H Datasheet HTML 6Page - STMicroelectronics T1235H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
®
T1235H Series
SNUBBERLESS™ HIGH TEMPERATURE
12A TRIACS
April 2002 - Ed: 5A
MAIN FEATURES:
DESCRIPTION
Specifically designed for use in high temperature
environment (found in hot appliances such as
cookers, ovens, hobs, electric heaters, coffee
machines...), the new 12 Amps T1235H triacs
provide an enhanced performance in terms of
power loss and thermal dissipation. This allows for
optimization of the heatsinking dimensioning,
leading to space and cost effectivness when
compared to electro-mechnical solutions.
Based on ST snubberless technology, they offer
high commutation switching capabilities and high
noise immunity levels. And, thanks to their clip
assembly technique, they provide a superior
performance in surge current handling.
Symbol
Value
Unit
IT(RMS)
12
A
VDRM/VRRM
600
V
IGT (Q
1)
35
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 135°C
12
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 60 Hz
t = 16.7 ms
145
A
F = 50 Hz
t = 20 ms
140
I
²tI²t Value for fusing
tp = 10 ms
112
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
700
V
IGM
Peak gate current
tp = 20 µs
Tj = 150°C
4
A
PG(AV)
Average gate power dissipation
Tj = 150°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
G
A2
A1
G
A2
A2
A1
A2
A2
G
A1
TO-220AB
(T1235-T)
D2PAK
(T1235-G)


유사한 부품 번호 - T1235H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
92Kb / 8P
   12A TRIACS
T1235H-600G STMICROELECTRONICS-T1235H-600G Datasheet
92Kb / 8P
   12A TRIACS
T1235H-600G-TR STMICROELECTRONICS-T1235H-600G-TR Datasheet
92Kb / 8P
   12A TRIACS
T1235H-600GRG STMICROELECTRONICS-T1235H-600GRG Datasheet
92Kb / 8P
   12A TRIACS
T1235H-600T STMICROELECTRONICS-T1235H-600T Datasheet
92Kb / 8P
   12A TRIACS
More results

유사한 설명 - T1235H

제조업체부품명데이터시트상세설명
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com