전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD895ZK 데이터시트(PDF) 2 Page - Jianghai Europe GmbH

부품명 CD895ZK
상세설명  14 000h at 85째C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGHAI [Jianghai Europe GmbH]
홈페이지  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD895ZK 데이터시트(HTML) 2 Page - Jianghai Europe GmbH

  CD895ZK Datasheet HTML 1Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 2Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 3Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 4Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 5Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 6Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 7Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 8Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 9Page - Jianghai Europe GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
85
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Customer specific products and adaptions on request.
Ratings for CD
895 ZK Series
CD 895 ZK Series
u
r.DC
(Surge
Voltage)
Code
rated
Capa-
citance
Max ESr
20°C,
120Hz
Typ ESr
20°C,
120Hz
Max
ripple
Current
85°C,
120Hz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
16
(20)
1C
6800
98
69
1,68
22 x 25
10000
67
47
2,09
22 x 30
67
47
2,09
25 x 25
12000
56
39
2,39
22 x 35
56
39
2,41
25 x 30
56
39
2,50
30 x 25
15000
45
31
2,77
22 x 40
45
31
2,81
25 x 35
18000
37
26
3,13
22 x 45
37
26
3,19
25 x 40
37
26
3,15
30 x 30
37
26
3,26
35 x 25
22000
31
22
3,57
25 x 45
31
22
3,56
30 x 35
27000
25
18
4,00
25 x 50
25
18
4,02
30 x 40
25
18
3,92
35 x 30
33000
21
15
4,52
30 x 45
21
15
4,45
35 x 35
39000
18
12
4,98
30 x 50
18
12
4,96
35 x 40
47000
15
10
5,53
35 x 45
25
(32)
1E
4700
113
80
1,63
22 x 25
6800
79
55
2,01
22 x 30
79
55
2,01
25 x 25
8200
65
46
2,25
22 x 35
65
46
2,27
25 x 30
65
46
2,36
30 x 25
10000
54
38
2,52
22 x 40
54
38
2,56
25 x 35
12000
45
31
2,83
22 x 45
45
31
2,88
25 x 40
45
31
2,84
30 x 30
45
31
2,94
35 x 25
15000
36
25
3,31
25 x 45
36
25
3,29
30 x 35
36
25
3,38
35 x 30
18000
30
21
3,72
25 x 50
30
21
3,72
30 x 40
22000
25
17
4,45
30 x 45
25
17
4,16
35 x 35
27000
20
14
4,99
35 x 45
33000
17
12
5,66
35 x 50
35
(44)
1V
3300
141
99
1,50
22 x 25
3900
120
84
1,73
22 x 30
4700
99
70
1,87
25 x 25
5600
83
59
2,12
22 x 35
83
59
2,14
25 x 30
83
59
2,22
30 x 25
6800
69
48
2,39
22 x 40
69
48
2,43
25 x 35
8200
57
40
2,80
22 x 50
57
40
2,73
25 x 40
57
40
2,69
30 x 30
57
40
2,92
35 x 25
10000
47
33
3,07
25 x 45
47
33
3,07
30 x 35
12000
39
28
3,42
25 x 50
39
28
3,44
30 x 40
39
28
3,36
35 x 30
15000
31
22
3,93
30 x 45
31
22
3,88
35 x 35
18000
26
19
4,37
35 x 40
22000
22
15
5,17
35 x 50
u
r.DC
(Surge
Voltage)
Code
rated
Capa-
citance
Max ESr
20°C,
120Hz
Typ ESr
20°C,
120Hz
Max
ripple
Current
85°C,
120Hz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
50
(63)
1H
1800
222
155
1,37
22 x 25
2200
181
127
1,53
22 x 30
2700
148
104
1,79
22 x 30
148
104
1,79
25 x 25
3300
121
85
2,05
22 x 35
121
85
2,10
25 x 30
3900
103
72
2,36
22 x 40
103
72
2,39
25 x 35
103
72
2,33
30 x 25
4700
85
60
2,69
22 x 45
85
60
2,71
30 x 30
85
60
2,80
35 x 25
5600
72
50
3,03
22 x 50
72
50
2,95
25 x 40
72
50
3,10
30 x 35
6800
59
41
3,54
25 x 50
59
41
3,56
30 x 40
59
41
3,48
35 x 30
8200
49
34
3,90
30 x 45
49
34
3,84
35 x 35
10000
40
28
4,29
30 x 50
40
28
4,27
35 x 40
12000
34
24
4,73
35 x 45
63
(79)
1J
1200
222
155
1,31
22 x 25
1800
148
104
1,60
22 x 30
148
104
1,60
25 x 25
2200
121
85
1,82
22 x 35
121
85
1,84
25 x 30
2700
99
69
2,07
22 x 40
99
69
2,09
25 x 35
99
69
2,03
30 x 25
3300
81
57
2,44
22 x 50
81
57
2,38
25 x 40
81
57
2,35
30 x 30
81
57
2,53
35 x 25
3900
68
48
2,67
25 x 45
68
48
2,68
30 x 35
4700
57
40
3,02
25 x 50
57
40
3,05
30 x 40
57
40
2,97
35 x 30
5600
48
34
3,44
30 x 45
48
34
3,40
35 x 35
6800
40
28
3,92
30 x 50
40
28
3,90
35 x 40
8200
33
23
4,37
35 x 45
10000
27
19
4,92
35 x 50
80
(100)
1K
820
324
227
1,17
22 x 25
1000
266
186
1,31
22 x 25
1200
222
155
1,46
22 x 30
222
155
1,46
25 x 25
1500
177
124
1,69
22 x 35
177
124
1,70
25 x 30
1800
148
104
1,92
22 x 40
148
104
1,90
30 x 25
2200
121
85
2,19
22 x 45
121
85
2,11
25 x 35
121
85
2,20
30 x 30
121
85
2,28
35 x 25
2700
99
69
2,55
25 x 45
99
69
2,55
30 x 35
3300
81
57
2,90
25 x 50
81
57
2,92
30 x 40
81
57
2,85
35 x 30
3900
69
48
3,28
30 x 45
69
48
3,22
35 x 35
4700
57
40
3,74
30 x 50
57
40
3,68
35 x 40
5600
48
34
4,06
35 x 45
6800
40
28
4,40
35 x 50


유사한 부품 번호 - CD895ZK

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
More results

유사한 설명 - CD895ZK

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com