전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC273PWLE 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74HC273PWLE
상세설명  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273PWLE 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74HC273PWLE Datasheet HTML 3Page - Texas Instruments SN74HC273PWLE Datasheet HTML 4Page - Texas Instruments SN74HC273PWLE Datasheet HTML 5Page - Texas Instruments SN74HC273PWLE Datasheet HTML 6Page - Texas Instruments SN74HC273PWLE Datasheet HTML 7Page - Texas Instruments SN74HC273PWLE Datasheet HTML 8Page - Texas Instruments SN74HC273PWLE Datasheet HTML 9Page - Texas Instruments SN74HC273PWLE Datasheet HTML 10Page - Texas Instruments SN74HC273PWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
SN54HC273, SN74HC273
www.ti.com
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.9 Timing Requirements – SN54HC273
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
VCC = 2 V
4
MHz
VCC = 4.5 V
18
VCC = 6 V
21
tw
Pulse duration
CLR low
VCC = 2 V
120
ns
VCC = 4.5 V
24
VCC = 6 V
20
CLK high or low
VCC = 2 V
120
VCC = 4.5 V
24
VCC = 6 V
20
tsu
Setup time before CLK
Data
VCC = 2 V
150
ns
VCC = 4.5 V
30
VCC = 6 V
25
CLR inactive
VCC = 2 V
150
VCC = 4.5 V
30
VCC = 6 V
25
th
Hold time, data after CLK
VCC = 2 V
0
ns
VCC = 4.5 V
0
VCC = 6 V
0
6.10 Timing Requirements – SN74HC273
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
VCC = 2 V
4
MHz
VCC = 4.5 V
21
VCC = 6 V
25
tw
Pulse duration
CLR low
VCC = 2 V
100
ns
VCC = 4.5 V
20
VCC = 6 V
17
CLK high or low
VCC = 2 V
100
VCC = 4.5 V
20
VCC = 6 V
17
tsu
Setup time before CLK
Data
VCC = 2 V
125
ns
VCC = 4.5 V
25
VCC = 6 V
21
CLR inactive
VCC = 2 V
125
VCC = 4.5 V
25
VCC = 6 V
21
th
Hold time, data after CLK
VCC = 2 V
0
ns
VCC = 4.5 V
0
VCC = 6 V
0


유사한 부품 번호 - SN74HC273PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC273PWLE TI-SN74HC273PWLE Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273PWLE TI-SN74HC273PWLE Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

유사한 설명 - SN74HC273PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com