전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM117 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM117
상세설명  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM117 데이터시트(HTML) 2 Page - Texas Instruments

  LM117_16 Datasheet HTML 1Page - Texas Instruments LM117_16 Datasheet HTML 2Page - Texas Instruments LM117_16 Datasheet HTML 3Page - Texas Instruments LM117_16 Datasheet HTML 4Page - Texas Instruments LM117_16 Datasheet HTML 5Page - Texas Instruments LM117_16 Datasheet HTML 6Page - Texas Instruments LM117_16 Datasheet HTML 7Page - Texas Instruments LM117_16 Datasheet HTML 8Page - Texas Instruments LM117_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 13
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 13
2
Applications ........................................................... 1
9
Application and Implementation ........................ 15
3
Description ............................................................. 1
9.1
Application Information............................................ 15
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 15
5
Device Comparison Table..................................... 3
10
Power Supply Recommendations ..................... 27
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 27
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 27
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 27
7.2
ESD Ratings.............................................................. 5
11.3
Thermal Considerations ........................................ 28
7.3
Recommended Operating Conditions ....................... 5
12
Device and Documentation Support ................. 35
7.4
Thermal Information, LM117 ..................................... 5
12.1
Documentation Support ........................................ 35
7.5
Thermal Information, LM317-N ................................. 6
12.2
Related Links ........................................................ 35
7.6
LM117 Electrical Characteristics............................... 6
12.3
Community Resources.......................................... 35
7.7
LM317-N Electrical Characteristics ........................... 7
12.4
Trademarks ........................................................... 35
7.8
Typical Characteristics .............................................. 8
12.5
Electrostatic Discharge Caution ............................ 35
8
Detailed Description ............................................ 11
12.6
Glossary ................................................................ 35
8.1
Overview ................................................................. 11
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 12
Information ........................................................... 35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision O (January 2014) to Revision P
Page
Added, updated, or renamed the following sections: Description; Pin Configuration and Functions; Specifications;
ESD Ratings table; Application and Implementation; Power Supply Recommendations; Layout; Mechanical,
Packaging, and Ordering Information .................................................................................................................................... 1
Removed information regarding LM317A, formerly part of this data sheet. LM317A can now be found in the TI
catalog under literature number SNVSAC2 ........................................................................................................................... 1
Changes from Revision N (August 2013) to Revision O
Page
Deleted MDT Package (over Full Operating Temperature Range) ....................................................................................... 7
Changed Current Limit MIN from 0.112 to 0.15 and TYP from 0.3 to 0.4 for (VIN – VOUT) = 40 V in the LM317A
and LM317-N Electrical Characteristics Section .................................................................................................................... 7
Deleted MDT Package ........................................................................................................................................................... 7
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N


유사한 부품 번호 - LM117_16

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results

유사한 설명 - LM117_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com