전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317KSTEEL 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM317KSTEEL
상세설명  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KSTEEL 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM317KSTEEL Datasheet HTML 2Page - Texas Instruments LM317KSTEEL Datasheet HTML 3Page - Texas Instruments LM317KSTEEL Datasheet HTML 4Page - Texas Instruments LM317KSTEEL Datasheet HTML 5Page - Texas Instruments LM317KSTEEL Datasheet HTML 6Page - Texas Instruments LM317KSTEEL Datasheet HTML 7Page - Texas Instruments LM317KSTEEL Datasheet HTML 8Page - Texas Instruments LM317KSTEEL Datasheet HTML 9Page - Texas Instruments LM317KSTEEL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
7.5 Thermal Information, LM317-N
LM317-N
KTT
NDE
DCY
NDT
NDP
THERMAL METRIC(1)(2)
UNIT
(TO-263)
(TO-220)
(SOT-223)
(TO)
(TO-252)
3 PINS
3 PINS
4 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
41.0
23.3
59.6
186(3)
54
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.6
16.2
39.3
21
51.3
°C/W
RθJB
Junction-to-board thermal resistance
23.6
4.9
8.4
28.6
°C/W
ψJT
Junction-to-top characterization parameter
10.4
2.7
1.8
3.9
°C/W
ψJB
Junction-to-board characterization parameter
22.6
4.9
8.3
28.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
1.1
0.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
When surface mount packages are used (SOT-223, TO-252), the junction to ambient thermal resistance can be reduced by increasing
the PCB copper area that is thermally connected to the package. See Heatsink Requirements for heatsink techniques.
(3)
No heatsink
7.6 LM117 Electrical Characteristics
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN
VOUT = 5 V, and IOUT = 10 mA.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V
≤ (VIN − VOUT) ≤ 40 V,
Reference voltage
1.2
1.25
1.3
V
10 mA
≤ IOUT ≤ IMAX
(1) (over full operating temperature range)
TJ = 25°C
0.01
0.02
Line regulation
3 V
≤ (VIN − VOUT) ≤ 40 V
(3)
%/V
over full operating
0.02
0.05
temperature range
TJ = 25°C
0.1%
0.3%
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (3)
over full operating
0.3%
1%
temperature range
Thermal regulation
20-ms pulse
0.03
0.07
%/W
Adjustment pin current
over full operating temperature range
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
Adjustment pin current change
0.2
5
μA
3 V
≤ (VIN − VOUT) ≤ 40 V (over full operating temperature range)
Temperature stability
TMIN ≤ TJ ≤ TMAX (over full operating temperature range)
1%
Minimum load current
(VIN − VOUT) = 40 V (over full operating temperature range)
3.5
5
mA
TO-3 Package (over full
1.5
2.2
3.4
operating temperature range)
(VIN − VOUT) ≤ 15 V
A
TO-39 Package (over full
0.5
0.8
1.8
Current limit
operating temperature range)
TO-3 package
0.3
0.4
(VIN − VOUT) = 40 V
A
TO-39 package
0.15
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
65
dB
temperature range)
Ripple rejection ratio
VOUT = 10 V, f = 120 Hz, CADJ = 10 μF (over full operating
66
80
dB
temperature range)
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Specifications and availability for military and space grades of LM117/883 can be found in the LM117QML data sheet (SNVS356).
Specifications and availability for military and space grades of LM117 can be found in the LM117JAN data sheet (SNVS365).
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N


유사한 부품 번호 - LM317KSTEEL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM317KSTEEL NSC-LM317KSTEEL Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317KSTEEL TI1-LM317KSTEEL Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317KSTEEL TI1-LM317KSTEEL Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317KSTEEL TI1-LM317KSTEEL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM317KSTEEL/NOPB TI1-LM317KSTEEL/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results

유사한 설명 - LM317KSTEEL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com