전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HCT08PWR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HCT08PWR
상세설명  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT08PWR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HCT08PWR Datasheet HTML 1Page - Texas Instruments SN74HCT08PWR Datasheet HTML 2Page - Texas Instruments SN74HCT08PWR Datasheet HTML 3Page - Texas Instruments SN74HCT08PWR Datasheet HTML 4Page - Texas Instruments SN74HCT08PWR Datasheet HTML 5Page - Texas Instruments SN74HCT08PWR Datasheet HTML 6Page - Texas Instruments SN74HCT08PWR Datasheet HTML 7Page - Texas Instruments SN74HCT08PWR Datasheet HTML 8Page - Texas Instruments SN74HCT08PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HCT08, SN74HCT08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS063D – NOVEMBER 1988 – REVISED AUIGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HCT08 ...J OR W PACKAGE
SN74HCT08 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HCT08 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input AND gates. They perform the Boolean function
Y
+ A • BorY + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HCT08N
SN74HCT08N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HCT08D
HCT08
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HCT08DR
HCT08
–40 C to 85 C
Reel of 250
SN74HCT08DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HCT08NSR
HCT08
SSOP – DB
Reel of 2000
SN74HCT08DBR
HT08
TSSOP – PW
Tube of 90
SN74HCT08PW
HT08
TSSOP – PW
Reel of 2000
SN74HCT08PWR
HT08
Reel of 250
SN74HCT08PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HCT08J
SNJ54HCT08J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HCT08W
SNJ54HCT08W
LCCC – FK
Tube of 55
SNJ54HCT08FK
SNJ54HCT08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


유사한 부품 번호 - SN74HCT08PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HCT08PWR TI-SN74HCT08PWR Datasheet
350Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74HCT08PWRE4 TI-SN74HCT08PWRE4 Datasheet
350Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

유사한 설명 - SN74HCT08PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com