전자부품 데이터시트 검색엔진 |
|
SN74HCT04PWRE4 데이터시트(PDF) 1 Page - Texas Instruments |
|
SN74HCT04PWRE4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54HCT04, SN74HCT04 HEX INVERTERS SCLS042D – JULY 1986 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Voltage Range of 4.5 V to 5.5 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 20-µA Max ICC D Typical tpd = 13 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Inputs Are TTL-Voltage Compatible 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN54HCT04 ...J PACKAGE SN74HCT04 . . . D, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A SN54HCT04 . . . FK PACKAGE (TOP VIEW) NC – No internal connection description/ordering information These devices contain six independent inverters. They perform the Boolean function Y = A in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube of 25 SN74HCT04N SN74HCT04N Tube of 50 SN74HCT04D SOIC – D Reel of 2500 SN74HCT04DR HCT04 40 °Cto85°C Reel of 250 SN74HCT04DT –40 °C to 85°C SOP – NS Reel of 2000 SN74HCT04NSR HCT04 Tube of 90 SN74HCT04PW TSSOP – PW Reel of 2000 SN74HCT04PWR HT04 Reel of 250 SN74HCT04PWT 55 °Cto125°C CDIP – J Tube of 25 SNJ54HCT04J SNJ54HCT04J –55 °C to 125°C LCCC – FK Tube of 55 SNJ54HCT04FK SNJ54HCT04FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each inverter) INPUT A OUTPUT Y H L L H Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74HCT04PWRE4 |
|
유사한 설명 - SN74HCT04PWRE4 |