전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ24N 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLZ24N
상세설명  HEXFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLZ24N 데이터시트(HTML) 1 Page - International Rectifier

  IRLZ24N Datasheet HTML 1Page - International Rectifier IRLZ24N Datasheet HTML 2Page - International Rectifier IRLZ24N Datasheet HTML 3Page - International Rectifier IRLZ24N Datasheet HTML 4Page - International Rectifier IRLZ24N Datasheet HTML 5Page - International Rectifier IRLZ24N Datasheet HTML 6Page - International Rectifier IRLZ24N Datasheet HTML 7Page - International Rectifier IRLZ24N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRLZ24N
PD - 91357C
l
Logic-Level Gate Drive
l
Advanced Process Technology
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
VDSS = 55V
RDS(on) = 0.06Ω
ID = 18A
S
D
G
TO-220AB
07/12/02
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
3.3
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Thermal Resistance
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
18
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current 
72
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy ‚
68
mJ
IAR
Avalanche Current
11
A
EAR
Repetitive Avalanche Energy
4.5
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings


유사한 부품 번호 - IRLZ24N

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRLZ24N ISC-IRLZ24N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLZ24NL IRF-IRLZ24NL Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRLZ24NL IRF-IRLZ24NL Datasheet
202Kb / 11P
   Advanced Process Technology
IRLZ24NLPBF IRF-IRLZ24NLPBF Datasheet
301Kb / 10P
   HEXFET Power MOSFET
IRLZ24NPBF IRF-IRLZ24NPBF Datasheet
771Kb / 9P
   Logic-Level Gate Drive, Advanced Process Technology
More results

유사한 설명 - IRLZ24N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com