전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G240DBVRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74LVC1G240DBVRE4
상세설명  Single Buffer/Driver With 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G240DBVRE4 데이터시트(HTML) 2 Page - Texas Instruments

  74LVC1G240DBVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A
Y
OE
1
2
4
SN74LVC1G240
SCES305L – JANUARY 2001 – REVISED DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Function Table
INPUTS
OUTPUT
Y
OE
A
L
H
L
L
L
H
H
X
Z
Logic Diagram (Positive Logic)
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state (2) (3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
θJA
Package thermal impedance(4)
DCK package
252
°C/W
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links :SN74LVC1G240


유사한 부품 번호 - 74LVC1G240DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G240DBVRE4 TI-74LVC1G240DBVRE4 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

유사한 설명 - 74LVC1G240DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com