전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G240DBVRE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 74LVC1G240DBVRE4
상세설명  Single Buffer/Driver With 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G240DBVRE4 데이터시트(HTML) 3 Page - Texas Instruments

  74LVC1G240DBVRE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G240DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN74LVC1G240
www.ti.com
SCES305L – JANUARY 2001 – REVISED DECEMBER 2013
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :SN74LVC1G240


유사한 부품 번호 - 74LVC1G240DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G240DBVRE4 TI-74LVC1G240DBVRE4 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

유사한 설명 - 74LVC1G240DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com