전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ110A 데이터시트(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 SMAJ110A
상세설명  Maximum Ratings and Thermal Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMAJ110A 데이터시트(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SMAJ110A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ110A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ110A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ110A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0A(CA)-SMAJ440A(CA)
Description
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25ºC by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
400
W
Power Dissipation on infinite heat
sink at T
A=50
O
C
P
M(AV)
3.3
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
40
A
Maximum Instantaneous Forward
Voltage at 25A for Unidirectional
only (Note 4)
V
F
3.5V/6.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 150
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
30
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
120
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25ºC per Fig. 2.
2. Mounted on 5.0x5.0mm copper pad to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only.
4. V
F < 3.5V for VBR _
<
200V and V
F< 6.5V for VBR _
>
201V.
The SMAJ series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Applications
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
applications to optimize
board space
capability
capability at 10 x 1000μs
waveform, repetition rate
(duty cycle): 0.01%
typically less than 1.0ps
from 0 Volts to V
BR min
R less than 1μA
above 12V
soldering: 260°C/40
seconds at terminals
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
Underwriters Laboratory
Flammability 94V-O
Plated
www.yfwdiode.com


유사한 부품 번호 - SMAJ110A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ110A JGD-SMAJ110A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ110A SOCAY-SMAJ110A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ110A LUGUANG-SMAJ110A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMAJ110A AITSEMI-SMAJ110A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
DIYI Electronic Technol...
SMAJ110A DYELEC-SMAJ110A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

유사한 설명 - SMAJ110A

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
   Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
   Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
FCI connector
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD25 FCI-CONNECTOR-FTD25 Datasheet
308Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
   ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com