전자부품 데이터시트 검색엔진 |
|
74LVC1G3157DBVRG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
74LVC1G3157DBVRG4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 35 page B2 S 1 4 6 A 3 B1 Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. SN74LVC1G3157 SCES424J – JANUARY 2003 – REVISED JUNE 2016 SN74LVC1G3157 Single-Pole Double-Throw Analog Switch 1 1 Features 1 • 1.65-V to 5.5-V VCC Operation • Useful for Both Analog and Digital Applications • Specified Break-Before-Make Switching • Rail-to-Rail Signal Handling • Operating Frequency Typically 340 MHz at Room Temperature • High Degree of Linearity • High Speed, Typically 0.5 ns (VCC = 3 V, CL = 50 pF) • Low ON-State Resistance, Typically ≉6 Ω (VCC = 4.5 V) • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Protection Exceeds JESD 22 – 2000-V Human Body Model (A114-A) – 1000-V Charged-Device Model (C101) 2 Applications • Wearables • Portable Computing • Internet of Things • Audio Signal Processing 3 Description This single-pole double-throw (SPDT) analog switch is designed for 1.65-V to 5.5-V VCC operation. The SN74LVC1G3157 device can handle both analog and digital signals. The SN74LVC1G3157 device permits signals with amplitudes of up to VCC (peak) to be transmitted in either direction. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog-to-digital and digital-to-analog conversion systems. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) SN74LVC1G3157DBV SOT-23 (6) 2.90 mm × 1.60 mm SN74LVC1G3157DCK SC70 (6) 2.00 mm × 1.25 mm SN74LVC1G3157DRL SOT (6) 1.60 mm × 1.20 mm SN74LVC1G3157DRY SON (6) 1.45 mm × 1.00 mm SN74LVC1G3157YZP DSBGA (6) 1.41 mm × 0.91 mm SN74LVC1G3157DSF SON (6) 1.00 mm × 1.00 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Simplified Schematic |
유사한 부품 번호 - 74LVC1G3157DBVRG4 |
|
유사한 설명 - 74LVC1G3157DBVRG4 |