전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744W0001 데이터시트(PDF) 1 Page - Qualtek Electronics Corporation

부품명 744W0001
상세설명  Qualtek Electronics Corp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QUALTEK [Qualtek Electronics Corporation]
홈페이지  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

744W0001 데이터시트(HTML) 1 Page - Qualtek Electronics Corporation

  744W0001 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
744W-00/01
Description:
AC RECEPTACLE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.Zhang
02-27-03
02-27-03
JJH / 02-27-03
UNIT: mm
REV. B
CONTROLLED
NOTES:
RATING:
UL, CSA: 20A 250V AC/16A 250V AC
VDE: 16A 250V AC
APPROVALS: UL,CSA,VDE
IEC 60320 C20
RoHS COMPLIANT
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
2.8
Ø1.5X3.0L
6 ± 0.1
53
42
29 ± 0.5
0
13 ± 0.2
5 ± 0.1
Ø6
Ø3.5
22.3
6.5 6.5
2.8 2.8
R3.5
42 ± 0.2
32 ±
0.2
0
PANEL CUTOUT
31.6 ± 0.2


유사한 부품 번호 - 744W0001

제조업체부품명데이터시트상세설명
logo
Qualtek Electronics Cor...
744W0003 QUALTEK-744W0003 Datasheet
378Kb / 1P
   Qualtek Electronics Corp
More results

유사한 설명 - 744W0001

제조업체부품명데이터시트상세설명
logo
Qualtek Electronics Cor...
710W0003 QUALTEK-710W0003 Datasheet
383Kb / 1P
   Qualtek Electronics Corp
849-06002 QUALTEK-849-06002 Datasheet
525Kb / 1P
   Qualtek Electronics Corp
851-10009 QUALTEK-851-10009 Datasheet
257Kb / 1P
   Qualtek Electronics Corp
858-06014 QUALTEK-858-06014 Datasheet
264Kb / 1P
   Qualtek Electronics Corp
882-06013 QUALTEK-882-06013 Datasheet
309Kb / 1P
   Qualtek Electronics Corp
738WX201 QUALTEK-738WX201 Datasheet
323Kb / 1P
   Qualtek Electronics Corp
738WX203 QUALTEK-738WX203 Datasheet
388Kb / 1P
   Qualtek Electronics Corp
739WX240 QUALTEK-739WX240 Datasheet
421Kb / 1P
   Qualtek Electronics Corp
701W1526 QUALTEK-701W1526 Datasheet
375Kb / 1P
   Qualtek Electronics Corp
719W0004 QUALTEK-719W0004 Datasheet
420Kb / 1P
   Qualtek Electronics Corp
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com