전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV412MV128 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MTV412MV128
상세설명  8051 Embedded Monitor Controller 128K Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MTV412MV128 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV412MV128 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV412MV128 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MYSON-CENTURY
TECHNOLOGY
MTV412M
(Rev 0.9)
8051 Embedded Monitor Controller
128K Flash Type with ISP
Revision 0.9
- 1 -
April 2002
FEATURES
8051 core, 12MHz operating frequency with double CPU clock option
0.35um process; 3.3V/5V power supply; 5V I/O tolerant
1024-byte RAM; 128K-byte program Flash-ROM support In System Programming (ISP) without boot code
Maximum 14 channels of PWM DAC
Maximum 38 (44-pin) or 36 (42-pin) I/O pins
SYNC processor for composite separation/insertion, H/V polarity/frequency check and polarity adjustment
Clock output to drive other devices
Built-in low power reset circuit
Compliant with VESA DDC1/2B/2Bi/2B+ standard
Triple slave IIC addresses; two H/W auto transfer DDC1/DDC2x data for both D-sub and DVI interfaces
Single master IIC interface for internal device communication
Maximum 4-channel 8-bit A/D converter
Flash-ROM program code protection selection
42-pin SDIP or 44-pin PLCC/PQFP package
GENERAL DESCRIPTIONS
The MTV412M micro-controller is an 8051 CPU core embedded device targeted for LCD Monitor, LCD TV or
smart panel applications. It includes an 8051 CPU core, 1024-byte SRAM, on-chip 16K-bit EEPROM, 14
PWM DACs, VESA DDC for both D-sub and DVI interfaces, 4-channel 8-bit ADC, hardware ISP without boot
code and a 128K-byte internal program Flash-ROM in 42-pin SDIP, 44-pin PLCC/PQFP package.
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
P0.0-7
P2.0-3
RD
WR
ALE
INT1
8051
CORE
P1.0-7
P3.0-2
P3.4
RST
X1
X2
ADC
AD0-3
PWM DAC
DA0-13
XFR
P0.0-7
P2.0-3
RD
WR
ALE
INT1
AUXRAM &
DDCRAM1 &
DDCRAM2
DDC & IIC
INTERFACE
ISCL
ISDA
HSCL1
HSDA1
HSCL2
HSDA2
P6.0-7
P5.0-6
AUX
I/O
P4.0-2
P7.0-7
HSYNC
VSYNC
HBLANK
VBLANK
H/VSYNC
CONTROL
HCLAMP
VCOAST
16K-BIT
EEPROM
CKO


유사한 부품 번호 - MTV412MV128

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MTV4030-01 MA-COM-MTV4030-01 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-02 MA-COM-MTV4030-02 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-03 MA-COM-MTV4030-03 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-04 MA-COM-MTV4030-04 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-05 MA-COM-MTV4030-05 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
More results

유사한 설명 - MTV412MV128

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com