전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAD10D30-902 데이터시트(PDF) 1 Page - Sumida Corporation

부품명 CAD10D30-902
상세설명  LF Receiver Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAD10D30-902 데이터시트(HTML) 1 Page - Sumida Corporation

  CAD10D30-902 Datasheet HTML 1Page - Sumida Corporation CAD10D30-902 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 17-Aug-11
LF Receiver Antenna
CAD10D30
Description
• LF receiver antenna for Z axis.
• Low profile.
• L
×W×H: 9.6×9.2x 3.2 mm Max.
• Product weight:0.61g Ref..
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+85℃
• Storage temperature range: -40
℃~+125℃
Packaging
• Carrier Tape and Reel.
• Tape specification according to EIA481.
• 1000pcs/reel.
Applications
• PEPS, Smart key system.
• Security system
RoHS
Dimension - [mm]
Suggest PCB layout - [mm]
Schematic diagram
L
R
L: Ferrite core coil inductance.
R: Copper resistance.


유사한 부품 번호 - CAD10D30-902

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAD10D25-163 SUMIDA-CAD10D25-163 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAD10D25-232 SUMIDA-CAD10D25-232 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAD10D25-472 SUMIDA-CAD10D25-472 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAD10D25-722 SUMIDA-CAD10D25-722 Datasheet
119Kb / 2P
   LF Receiver Antenna
More results

유사한 설명 - CAD10D30-902

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS13D28 SUMIDA-CAS13D28 Datasheet
271Kb / 2P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAK12D21 SUMIDA-CAK12D21 Datasheet
95Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com