전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCO-734A 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 TCO-734A
상세설명  Voltage Controlled Crystal Oscillator (VCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TCO-734A 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  TCO-734A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
#1
#7
#8
#14
Vcont
GND/case
Output
Vcc
Pin Connections
TCO-734A
FULL DIP VCXO
Voltage Controlled Crystal Oscillator (VCXO)
Features
High frequency
Wide frequency control range
DIP-14 pin package compatible
Package Outlines [Dimensions in mm]
Type
TCO-734A
155.52 MHz
+3.3 V or +5.0 V
25 mA max.
0 dBm min. / 50
±30 ppm max. / -40
°C to +85 °C
(Ref. at +25
°C)
±5.0 ppm max. / +5.0 V ±5 %
±5.0 ppm max. / +3.3 V ±5 %
±5.0 ppm max. / year
±100 ppm min. / V
+2.5 V ±2.0 V or +1.65 V ±1.65 V
50 to 155.52 MHz
Standard frequency
Supply voltage
Supply current
Output level
Stability vs Temperature
Stability vs Supply voltage
Aging
Frequency control range
Control voltage
Frequency range
15.24
12.2
ø0.5±0.1
#1
#7
#8
#14
20.2±0.5
Application
Transmission equipment
Measurement system
(2001.11.)
Note ) The above specifications are our standard. Upon request we offer proposal specifications separately.
Lab
el


유사한 부품 번호 - TCO-734A

제조업체부품명데이터시트상세설명
logo
Epson Company
TCO-708 EPSON-TCO-708 Datasheet
388Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson ToYoCom
TCO-7085D1A EPSONTOYOCOM-TCO-7085D1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
TCO-7085D1A1 EPSONTOYOCOM-TCO-7085D1A1 Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
TCO-7085D1A2 EPSONTOYOCOM-TCO-7085D1A2 Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
TCO-7085D1A4 EPSONTOYOCOM-TCO-7085D1A4 Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
More results

유사한 설명 - TCO-734A

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
7311D NDK-7311D Datasheet
77Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
   Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
DJ-SERIES TXC-DJ-SERIES Datasheet
930Kb / 1P
   Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com