전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC281 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TC281
상세설명  PIXEL CCD IMAGE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TC281 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TC281_03 Datasheet HTML 4Page - Texas Instruments TC281_03 Datasheet HTML 5Page - Texas Instruments TC281_03 Datasheet HTML 6Page - Texas Instruments TC281_03 Datasheet HTML 7Page - Texas Instruments TC281_03 Datasheet HTML 8Page - Texas Instruments TC281_03 Datasheet HTML 9Page - Texas Instruments TC281_03 Datasheet HTML 10Page - Texas Instruments TC281_03 Datasheet HTML 11Page - Texas Instruments TC281_03 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC281
1036-
× 1010-PIXEL CCD IMAGE SENSOR
SOCS058D – JUNE 1996 – REVISED MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
spurious nonuniformity specification
The spurious nonuniformity specification of the TC281 CCD grade – 30 is based on several performance
characteristics:
D Amplitude of the nonuniform line or pixel signal
D Polarity of the nonuniform pixel signal
Black
White
D Column signal amplitude
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude, as shown in Figure 6. In the illuminated condition,
the nonuniformity is specified as a percentage of the total amplitude, as shown in Figure 7.
PIXEL NONUNIFORMITY
COLUMN NONUNIFORMITY
PART NUMBER
DARK CONDITION
ILLUMINATED CONDITION
COLUMN AMPLITUDE
PIXEL AMPLITUDE, x (mV)
% OF TOTAL ILLUMINATION
x (mV)
TC281-30
<24
< 30%
< 0.6 mV
mV
Amplitude
t
Illumination
% of Total
t
Figure 6. Pixel Nonuniformity,
Figure 7. Pixel Nonuniformity,
Dark Condition
Illuminated Condition


유사한 부품 번호 - TC281_03

제조업체부품명데이터시트상세설명
logo
SHENZHEN FUMAN ELECTRON...
TC2811 FUMAN-TC2811 Datasheet
320Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811N FUMAN-TC2811N Datasheet
367Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC2811Z FUMAN-TC2811Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
logo
Productwell Precision E...
TC2812D-471M PRODUCTWELL-TC2812D-471M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2814D-182M PRODUCTWELL-TC2814D-182M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

유사한 설명 - TC281_03

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com