전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB020N03E3-0-UB-X 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTB020N03E3-0-UB-X
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03E3-0-UB-X 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTB020N03E3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C737E3
Issued Date : 2016.06.23
Revised Date :
Page No. : 4/8
MTB020N03E3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
10
20
30
40
50
02
46
8
10
VDS, Drain-Source Voltage(V)
10V,9V,8V,7V,6V,5V
3.5V
4V
VGS=3V
Brekdown Voltage vs Ambient Temperature
0.8
0.9
1
1.1
1.2
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
10
IDR, Reverse Drain Current (A)
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
20
40
60
80
100
120
140
160
180
200
02
4
6
8
1
VGS, Gate-Source Voltage(V)
VGS=0V
Tj=25°C
Tj=150°C
0
ID=20A
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=10V, ID=20A
RDS(ON)@Tj=25°C : 18mΩ typ.
VGS=4.5V, ID=20A
RDS(ON)@Tj=25°C : 25mΩ typ.


유사한 부품 번호 - MTB020N03E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03E3 DOINGTER-MTB020N03E3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - MTB020N03E3-0-UB-X

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com