전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB050P10H8-0-T6-G 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTB050P10H8-0-T6-G
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10H8-0-T6-G 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTB050P10H8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P10H8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C975H8
Issued Date : 2016.08.01
Revised Date :
Page No. : 1/11
MTB050P10H8
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTB050P10H8 BVDSS
-100V
ID@VGS=-10V, TC=25°C
-20A
ID@VGS=-10V, TA=25°C
-4.4A
VGS=-10V, ID=-15A
39.5mΩ
RDSON(TYP)
VGS=-4.5V, ID=-12A
45.3mΩ
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Pb-free lead plating and Halogen-free package
Symbol
Outline
MTB050P10H8
DFN5×6
Pin 1
D
Ordering Information
Device
Package
Shipping
MTB050P10H8-0-T6-G
DFN5×6
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
G:Gate D:Drain S:Source
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T6 : 3000 pcs / tape & reel,13” reel
Product rank, zero for no rank products
Product name
S
S
S
G
D
D
D
D
S
D
D
D
S
G
S
Pin 1


유사한 부품 번호 - MTB050P10H8-0-T6-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB050P10H8-0-T6-G

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com