전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB080C10Q8-0-T3-G 데이터시트(PDF) 7 Page - Cystech Electonics Corp.

부품명 MTB080C10Q8-0-T3-G
상세설명  N- and P-channel enhancement mode power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080C10Q8-0-T3-G 데이터시트(HTML) 7 Page - Cystech Electonics Corp.

Back Button MTB080C10Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 10Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C703Q8
Issued Date : 2016.07.22
Revised Date :
Page No. : 7/12
MTB080C10Q8
CYStek Product Specification
Typical Characteristics : Q2( P-channel)
Typical Output Characteristics
0
2
4
6
8
012345
-VDS, Drain-Source Voltage(V)
-VGS=2.5V
10V
9V
8V
7V
6V
5V
4V
3V
3.5V
Brekdown Voltage vs Ambient Temperature
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
100
1000
0.01
0.1
1
10
100
-ID, Drain Current(A)
-VGS=4.5V
-VGS=10V
-VGS=4V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
4
6
8
-IDR, Reverse Drain Current(A)
10
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
50
100
150
200
250
300
350
400
450
500
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-VGS=10V, -ID=2A
RDSON@Tj=25°C : 174mΩ typ.
-VGS, Gate-Source Voltage(V)
-ID=2A


유사한 부품 번호 - MTB080C10Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB080N15J3 CYSTEKEC-MTB080N15J3 Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080N15J3-0-T3-G CYSTEKEC-MTB080N15J3-0-T3-G Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB080C10Q8-0-T3-G

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com