전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX384C3V9 데이터시트(PDF) 2 Page - SUNMATE electronic Co., LTD

부품명 BZX384C3V9
상세설명  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZX384C3V9 데이터시트(HTML) 2 Page - SUNMATE electronic Co., LTD

  BZX384C3V9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZX384C3V9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS Rating at25 °C ambient temperature unless otherwise specified
Zener Voltage Dynamic
Dynamic
Resistance
Test
Resistance
Test
at IZT1
Current
at IZT2
Current
min
max
rzj (Ω)
min
max
IZT1 (mA)
rzj (Ω)
IZT2 (mA) IR (μA)
VR (V)
2.20
2.60
70 (≤100 )
-9.0
-4.0
5
275
1.0
50.0
1.0
2.50
2.90
75 (≤100)
-9.0
-4.0
5
300 (≤600 )
1.0
20.0
1.0
2.80
3.20
80 (≤95)
-9.0
-3.0
5
325 (≤600 )
1.0
10.0
1.0
3.10
3.50
85 (≤95)
-8.0
-3.0
5
350 (≤600 )
1.0
5.00
1.0
3.40
3.80
85 (≤90)
-8.0
-3.0
5
375 (≤600 )
1.0
5.00
1.0
3.70
4.10
85 (≤90)
-7.0
-3.0
5
400 (≤600 )
1.0
3.00
1.0
4.00
4.60
80 (≤90)
-6.0
-1.0
5
410 (≤600 )
1.0
3.00
1.0
4.40
5.00
50 (≤80)
-5.0
2.0
5
425 (≤500 )
1.0
3.00
2.0
4.80
5.40
40 (≤60)
-3.0
4.0
5
400 (≤480 )
1.0
2.00
2.0
5.20
6.00
15 (≤40)
-2.0
6.0
5
80 (≤400 )
1.0
1.00
2.0
5.80
6.60
6.0 (≤10)
-1.0
7.0
5
40 (≤150 )
1.0
3.00
4.0
6.40
7.20
6.0 (≤15)
2.0
7.0
5
30 (≤80 )
1.0
2.00
4.0
7.00
7.90
6.0 (≤15)
3.0
7.0
5
30 (≤80 )
1.0
1.00
5.0
7.70
8.70
6.0 (≤15)
4.0
7.0
5
40 (≤80 )
1.0
0.70
5.0
8.50
9.60
6.0 (≤15)
5.0
8.0
5
40 (≤100 )
1.0
0.50
6.0
9.40
10.6
8.0 (≤20)
5.0
8.0
5
50 (≤150 )
1.0
0.20
7.0
10.4
11.6
10 (≤20)
5.0
9.0
5
50 (≤150 )
1.0
0.10
8.0
11.4
12.7
10 (≤25)
6.0
9.0
5
50 (≤150 )
1.0
0.10
8.0
12.4
14.1
10 (≤30)
7.0
9.0
5
50 (≤170 )
1.0
0.10
8.0
13.8
15.6
10 (≤30)
7.0
9.0
5
50 (≤200 )
1.0
0.05
0.7 Vznom.
15.3
17.1
10 (≤40)
8.0
9.5
5
50 (≤200 )
1.0
0.05
0.7 Vznom.
16.8
19.1
10 (≤45)
8.0
9.5
5
50 (≤225 )
1.0
0.05
0.7 Vznom.
18.8
21.2
15 (≤55)
8.0
10.0
5
60 (≤225 )
1.0
0.05
0.7 Vznom.
20.8
23.3
20 (≤55)
8.0
10.0
5
60 (≤250 )
1.0
0.05
0.7 Vznom.
22.8
25.6
25 (≤70)
8.0
10.0
5
60 (≤250 )
1.0
0.05
0.7 Vznom.
25.1
28.9
25 (≤80)
8.0
10.0
2
65 (≤300 )
0.5
0.05
0.7 Vznom.
28.0
32.0
30 (≤80)
8.0
10.0
2
70 (≤300 )
0.5
0.05
0.7 Vznom.
31.0
35.0
35 (≤80)
8.0
10.0
2
75 (≤325 )
0.5
0.05
0.7 Vznom.
34.0
38.0
35 (≤90)
8.0
10.0
2
80 (≤350 )
0.5
0.05
0.7 Vznom.
37.0
41.0
40 (≤130)
10.0
12.0
2
80 (≤350 )
0.5
0.05
0.7 Vznom.
40.0
46.0
45 (≤150)
10.0
12.0
2
85 (≤375 )
0.5
0.05
0.7 Vznom.
44.0
50.0
50 (≤170)
10.0
12.0
2
85 (≤375 )
0.5
0.05
0.7 Vznom.
48.0
54.0
60 (≤180)
10.0
12.0
2
85 (≤400 )
0.5
0.05
0.7 Vznom.
52.0
60.0
70 (≤200)
9.0
11.0
2
100 (≤425 )
0.5
0.05
0.7 Vznom.
58.0
66.0
80 (≤215)
9.0
12.0
2
100 (≤450)
0.5
0.05
0.7 Vznom.
64.0
72.0
90 (≤240)
10.0
12.0
2
150 (≤475 )
0.5
0.05
0.7 Vznom.
70.0
79.0
95 (≤255)
10.0
12.0
2
170 (≤500 )
0.5
0.05
0.7 Vznom.
Notes :
(1) Measured with pulses p = 5 ms
Reverse Leakage
Current
at
Temp.Coefficient of
Zener voltage at IZT1
αVZ (10
-4/K)
VZ (V)
rang
(1) at I
ZT1
BZX384C2V4
BZX384C2V7
BZX384C3V0
BZX384C3V3
BZX384C3V6
BZX384C3V9
BZX384C4V3
BZX384C7V5
BZX384C8V2
BZX384C9V1
BZX384C10
BZX384C11
BZX384C12
BZX384C13
BZX384C15
BZX384C16
BZX384C18
BZX384C20
BZX384C22
BZX384C24
BZX384C27
BZX384C30
BZX384C33
BZX384C36
BZX384C39
BZX384C43
BZX384C47
BZX384C51
BZX384C56
BZX384C62
BZX384C68
BZX384C75
www.sunmate.tw
Type
BZX384C6V8
BZX384C6V2
BZX384C5V6
BZX384C5V1
BZX384C4V7


유사한 부품 번호 - BZX384C3V9

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZX384C3V9 EIC-BZX384C3V9 Datasheet
109Kb / 2P
   ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C3V9 SYNSEMI-BZX384C3V9 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C3V9 VISHAY-BZX384C3V9 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
GUANGDONG HOTTECH INDUS...
BZX384C3V9 HOTTECH-BZX384C3V9 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results

유사한 설명 - BZX384C3V9

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com