전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1000PW 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC1000PW
상세설명  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000PW 데이터시트(HTML) 3 Page - Texas Instruments

  TDC1000PW Datasheet HTML 1Page - Texas Instruments TDC1000PW Datasheet HTML 2Page - Texas Instruments TDC1000PW Datasheet HTML 3Page - Texas Instruments TDC1000PW Datasheet HTML 4Page - Texas Instruments TDC1000PW Datasheet HTML 5Page - Texas Instruments TDC1000PW Datasheet HTML 6Page - Texas Instruments TDC1000PW Datasheet HTML 7Page - Texas Instruments TDC1000PW Datasheet HTML 8Page - Texas Instruments TDC1000PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
RX1
RX2
VCOM
PGAIN
PGAOUT
TX1
TX2
GND
CLKIN
COMPIN
RTD1
RTD2
VIO
SDO
RREF
CHSEL
ERRB
SDI
CSB
SCLK
START
STOP
LNAOUT
RESET
TRIGGER
EN
VDD
VDD
2
3
1
4
5
6
7
9
8
10
11
12
13
14
27
26
28
25
24
23
22
20
21
19
18
17
16
15
TDC1000, TDC1000-Q1
www.ti.com
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
5 Pin Configuration and Functions
TSSOP
28 Pin PW
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
RX1
1
I
Receive input 1
RX2
2
I
Receive input 2
VCOM
3
P
Output common mode voltage bias
LNAOUT
4
O
Low noise amplifier output (for ac decoupling capacitor)
PGAIN
5
I
Programmable gain amplifier input
PGAOUT
6
O
Programmable gain amplifier output
COMPIN
7
I
Echo qualification and zero-crossing detector input
RTD1
8
O
Resistance temperature detector channel 1
RTD2
9
O
Resistance temperature detector channel 2
RREF
10
O
Reference resistor for temperature measurement
CHSEL
11
I
External channel selection
ERRB
12
O
Error flag (open drain)
START
13
O
Start pulse output
STOP
14
O
Stop pulse output
EN
15
I
Enable (active high; when low the TDC1000 is in SLEEP mode)
TRIGGER
16
I
Trigger input
RESET
17
I
Reset (active high)
SCLK
18
I
Serial clock for the SPI interface
CSB
19
I
Chip select for the SPI interface (active low)
SDI
20
I
Serial data input for the SPI interface
SDO
21
O
Serial data output for the SPI interface
VIO
22
P
Positive I/O supply
VDD(2)
23, 24
P
Positive supply; all VDD supply pins must be connected to the supply.
CLKIN
25
I
Clock input
GND
26
G
Negative supply
(1)
G = Ground, I = Input, O = Output, P = Power
(2)
Place a 100-nF bypass capacitor to ground in closest proximity of the pin
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TDC1000 TDC1000-Q1


유사한 부품 번호 - TDC1000PW

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

유사한 설명 - TDC1000PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com