전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC7201 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC7201
상세설명  TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7201 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TDC7201 Datasheet HTML 2Page - Texas Instruments TDC7201 Datasheet HTML 3Page - Texas Instruments TDC7201 Datasheet HTML 4Page - Texas Instruments TDC7201 Datasheet HTML 5Page - Texas Instruments TDC7201 Datasheet HTML 6Page - Texas Instruments TDC7201 Datasheet HTML 7Page - Texas Instruments TDC7201 Datasheet HTML 8Page - Texas Instruments TDC7201 Datasheet HTML 9Page - Texas Instruments TDC7201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
TDC7201
SNAS686 – MAY 2016
www.ti.com
Product Folder Links: TDC7201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Accuracy is defined as the systematic error in the output signal; the error of the device excluding noise.
(2)
Specified by design.
(3)
Sum of TDC1 and TDC2 values
6.5 Electrical Characteristics
TA = 25°C , VDD1 = VDD2 = 3.3 V, GND1 = GND2 = 0 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TDC CHARACTERISTICS
LSB
Resolution
Single shot measurement
55
ps
TACC-2
Accuracy (Mode 2)(1)
CLOCK = 8 MHz, Jitter (RMS) < 1 ps,
Stability < 5 ppm
28
ps
TSTD-2
Standard Deviation (Mode 2)
Measured time = 100 µs
50
ps
Measured time = 1 µs
35
ps
OUTPUT CHARACTERISTICS: TRIGG1, TRIGG2, INTB1, INTB2, DOUT1, DOUT2
VOH
Output voltage high
Isource = –2 mA
2.31
2.95
V
VOL
Output voltage low
Isink = 2 mA
0.35
0.99
V
INPUT CHARACTERISTICS: START1, STOP1, START2, STOP2, CSB1, CSB2
Cin
Input capacitance(2)
4
pF
INPUT CHARACTERISTICS: ENABLE, CLOCK, DIN, SCLK
Cin
Input capacitance(2)
8
pF
POWER CONSUMPTION(3) (see Measurement Mode 1 and Measurement Mode 2)
Ish
Shutdown current
EN = LOW
0.6
µA
IQA
Quiescent Current A
EN = HIGH; TDC running
2.7
mA
IQB
Quiescent Current B
EN = HIGH; TDC OFF, Clock Counter
running
140
µA
IQC
Quiescent Current C
EN = HIGH; measurement stopped, SPI
communication only
175
µA
IQD
Quiescent Current D
EN = HIGH, TDC OFF, counter stopped,
no communication
100
µA
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
TIMING REQUIREMENTS: START1, STOP1, START2, STOP2, CLOCK
PWSTART
Pulse width for Start Signal
10
ns
PWSTOP
Pulse width for Stop Signal
10
ns
SERIAL INTERFACE TIMING CHARACTERISTICS (VDD = 3.3 V, fSCLK = 25 MHz) (See Figure 1)
fSCLK
SCLK frequency
25
MHz
t1
SCLK period
40
ns
SERIAL INTERFACE TIMING CHARACTERISTICS (VDD = 3.3 V, fSCLK = 20 MHz) (See Figure 1)
t1
SCLK period
50
ns
t2
SCLK High Time
16
ns
t3
SCLK Low Time
16
ns
t4
DIN setup time
5
ns
t5
DIN hold time
5
ns
t6
CSB1 or CSB2 fall to SCLK rise
6
ns
t7
Last SCLK rising edge to CSB1 or CSB2 rising edge
6
ns
t8
Minimum pause time (CSB high)
40
ns
t9
Clk fall to DOUT1 or DOUT2 bus transition
12
ns


유사한 부품 번호 - TDC7201

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC7200 TI1-TDC7200 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200PW TI1-TDC7200PW Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200PWR TI1-TDC7200PWR Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

유사한 설명 - TDC7201

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
   Time-of-flight range-finder chip
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
   LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
   LT7 Long-Range Time-of-Flight Laser Sensor
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
   Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com