전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C450FNR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TL16C450FNR
상세설명  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C450FNR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL16C450FNR Datasheet HTML 5Page - Texas Instruments TL16C450FNR Datasheet HTML 6Page - Texas Instruments TL16C450FNR Datasheet HTML 7Page - Texas Instruments TL16C450FNR Datasheet HTML 8Page - Texas Instruments TL16C450FNR Datasheet HTML 9Page - Texas Instruments TL16C450FNR Datasheet HTML 10Page - Texas Instruments TL16C450FNR Datasheet HTML 11Page - Texas Instruments TL16C450FNR Datasheet HTML 12Page - Texas Instruments TL16C450FNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TL16C450
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS037C − MARCH 1988 − REVISED JANUARY 2006
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Valid Data
tw5
tsu1
tsu2
tsu3
th1
th2
th3
th4†
th5
td3
td3
td4†
td5†
td6
tw6
Active
Valid†
Valid
Valid
Valid†
ADS
A0 − A2
CS0, CS1, CS2
CSOUT
DOSTR,
D0 − D7
DOSTR
10%
10%
10%
10%
10%
10%
90%
90%
90%
90%
90%
90% 90%
90%
90%
10%
† Applicable only when ADS is tied low.
Figure 2. Write Cycle Timing Waveforms


유사한 부품 번호 - TL16C450FNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C450FN TI-TL16C450FN Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

유사한 설명 - TL16C450FNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com