전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8591J 데이터시트(PDF) 26 Page - NXP Semiconductors

부품명 TDA8591J
상세설명  4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8591J 데이터시트(HTML) 26 Page - NXP Semiconductors

Back Button TDA8591J Datasheet HTML 22Page - NXP Semiconductors TDA8591J Datasheet HTML 23Page - NXP Semiconductors TDA8591J Datasheet HTML 24Page - NXP Semiconductors TDA8591J Datasheet HTML 25Page - NXP Semiconductors TDA8591J Datasheet HTML 26Page - NXP Semiconductors TDA8591J Datasheet HTML 27Page - NXP Semiconductors TDA8591J Datasheet HTML 28Page - NXP Semiconductors TDA8591J Datasheet HTML 29Page - NXP Semiconductors TDA8591J Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
2002 Jan 14
26
Philips Semiconductors
Preliminary specification
4
× 44 W into 4 Ω or 4 × 75 W into 2 Ω
quad BTL car radio power amplifier
TDA8591J
handbook, full pagewidth
MGW476
26 dB
26 dB
26 dB
10
12
22
2
16
18
20
4
PGND1
8
3
5
26 dB
VP
VP
INTERFACE
OFFSET
DETECTION
7
PGND2
21
PGND3
24
PGND4
27
GNDHS
DIAGNOSTIC
CHARGE
PUMP
TDA8591J
1
VP1
13
VP2
15
VP3
22 nF
22 nF
OUT1
OUT1
+
9
11
22 nF
220 nF
22 nF
OUT2
+
OUT2
14 CP
6
DIAG
26 OFFCAP
19
17
22 nF
22 nF
OUT3
+
OUT3
25
23
2 or 4
2 k
2 k
22 nF
to microcontroller
22 nF
OUT4
OUT4
+
Rs
Vin4
IN4
220 nF
Rs
Vin3
IN3
SGND
CIN
220 nF
Rs
Vin2
IN2
220 nF
Rs
Vin1
IN1
220 nF
100
µF
(6.3 V)
2200
µF
(16 V)
1
µF
100 nF
2 or 4
2 or 4
2 or 4
220 k
220 k
220 k
220 k
STBY
MUTE/ON
from
microcontroller
(1)
2.2
µF
(10 V)
mute
standby
fast mute
Fig.34 Quad BTL application with offset detection circuit.
(1) Not needed with single-pin mute control.


유사한 부품 번호 - TDA8591J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594J NXP-TDA8594J Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594SD NXP-TDA8594SD Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

유사한 설명 - TDA8591J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com