전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL4051CQDBZT 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TL4051CQDBZT
상세설명  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL4051CQDBZT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL4051CQDBZT Datasheet HTML 5Page - Texas Instruments TL4051CQDBZT Datasheet HTML 6Page - Texas Instruments TL4051CQDBZT Datasheet HTML 7Page - Texas Instruments TL4051CQDBZT Datasheet HTML 8Page - Texas Instruments TL4051CQDBZT Datasheet HTML 9Page - Texas Instruments TL4051CQDBZT Datasheet HTML 10Page - Texas Instruments TL4051CQDBZT Datasheet HTML 11Page - Texas Instruments TL4051CQDBZT Datasheet HTML 12Page - Texas Instruments TL4051CQDBZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-0.500
-0.400
-0.300
-0.200
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
-40
-20
0
20
40
60
80
100
120
Temperature – °C
I
= 100 µA
REF
a
V
= 5.5 ppm/°C
REF
a
V
= 16 ppm/°C
REF
a
V
= 10.4 ppm/°C
REF
0.1
1
10
100
1000
100
1k
10k
100k
1M
Frequency – Hz
I
= 150 µA
REF
V
= 10 V
OUT
V
= 1.23 V
OUT
V
= 2.5 V
OUT
V
= 5 V
OUT
0
200
400
600
800
1000
1
10
100
1k
10k
100k
Frequency – Hz
0.1
1
10
100
1000
100
1k
10k
100k
1M
Frequency – Hz
I
= 1 mA
REF
V
= 10 V
OUT
V
= 1.23 V
OUT
V
= 2.5 V
OUT
V
= 5 V
OUT
TL4051
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS487 – JUNE 2007
OUTPUT IMPEDANCE
TEMPERATURE DRIFT FOR DIFFERENT AVERAGE
vs
TEMPERATURE COEFFICIENTS
FREQUENCY
OUTPUT IMPEDANCE
NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
9
Submit Documentation Feedback


유사한 부품 번호 - TL4051CQDBZT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL4051CQDBZT TI-TL4051CQDBZT Datasheet
619Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051CQDBZT TI-TL4051CQDBZT Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051CQDBZT TI1-TL4051CQDBZT Datasheet
697Kb / 27P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051CQDBZTG4 TI-TL4051CQDBZTG4 Datasheet
619Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4051CQDBZTG4 TI-TL4051CQDBZTG4 Datasheet
596Kb / 25P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

유사한 설명 - TL4051CQDBZT

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com