전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20502SILT 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM20502SILT
상세설명  2A SIMPLE SWITCHER Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM20502SILT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM20502SILT Datasheet HTML 5Page - Texas Instruments LM20502SILT Datasheet HTML 6Page - Texas Instruments LM20502SILT Datasheet HTML 7Page - Texas Instruments LM20502SILT Datasheet HTML 8Page - Texas Instruments LM20502SILT Datasheet HTML 9Page - Texas Instruments LM20502SILT Datasheet HTML 10Page - Texas Instruments LM20502SILT Datasheet HTML 11Page - Texas Instruments LM20502SILT Datasheet HTML 12Page - Texas Instruments LM20502SILT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LMZ20502
www.ti.com
SNVS852C – JUNE 2012 – REVISED APRIL 2015
8 Detailed Description
8.1 Overview
The LMZ20502 SIMPLE SWITCHER Nano Module is a voltage mode buck regulator with an integrated inductor.
Input voltage feed-forward is used to compensate for loop gain variation with input voltage. Two operating modes
allow the user to tailor the regulator to their specific requirements. In forced PWM mode, the regulator operates
as a full synchronous device with a 3 MHz (typ.) switching frequency and very low output voltage ripple. In AUTO
mode, the regulator moves into PFM when the load current drops below the mode change threshold (see
Application Curves). In PFM, the device regulates the output voltage between wider ripple limits than in PWM.
This results in much smaller supply current than in PWM, at light loads and high efficiency. A simplified block
diagram is shown in Functional Block Diagram.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Nano Scale Package
The LMZ20502 incorporates world class package technology to provide a 2 A power supply with a total volume
of only 21 mm3 (excluding external components). All that is required for a complete power supply is the addition
of feed-back resistors to set the output voltage and the input and output filter capacitors. Figure 7 and Figure 8
show the LMZ20502 package. The regulator die is embedded into a PCB substrate while the power inductor is
mounted on top. Vias and copper clad are used to make the connections to the die, inductor and the external
components. This package is MSL3 compliant.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ20502


유사한 부품 번호 - LM20502SILT

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Unisonic Technologies
LM2054G-P14-R UTC-LM2054G-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054G-P14-T UTC-LM2054G-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-R UTC-LM2054L-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-T UTC-LM2054L-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM20502SILT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com