전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6993 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS6993
상세설명  Dual P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6993 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS6993 Datasheet HTML 1Page - Fairchild Semiconductor FDS6993 Datasheet HTML 2Page - Fairchild Semiconductor FDS6993 Datasheet HTML 3Page - Fairchild Semiconductor FDS6993 Datasheet HTML 4Page - Fairchild Semiconductor FDS6993 Datasheet HTML 5Page - Fairchild Semiconductor FDS6993 Datasheet HTML 6Page - Fairchild Semiconductor FDS6993 Datasheet HTML 7Page - Fairchild Semiconductor FDS6993 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2003
©2003 Fairchild Semiconductor Corporation
FDS6993 Rev C (W)
FDS6993
Dual P-Channel PowerTrench
® MOSFET
General Description
These P-Channel MOSFETs are made
using FSC’s PowerTrench
® technology.
They are packaged in a single SO-8 which is
designed to allow two MOSFETs to operate
independenly, each with it’s own heat sink.
The combination of silicon and package
technologies results in minimum board
space and cost.
Features
Q1:
P-Channel
–4.3A, –30V R
DS(on) = 55mΩ @ VGS = –10V
R
DS(on) = 85mΩ @ VGS = –4.5V
Q2:
P-Channel
–6.8A, –12V R
DS(on) = 17mΩ @ VGS = –4.5V
R
DS(on) = 24mΩ @ VGS = –2.5V
R
DS(on) = 30mΩ @ VGS = –1.8V
High power and handling capability in a widely
used surface mount package
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
–30
–12
V
VGSS
Gate-Source Voltage
±25
±8
V
ID
Drain Current
- Continuous
(Note 1a)
–4.3
–6.8
A
- Pulsed
–20
–20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6993
FDS6993
13”
12mm
2500 units
4
3
2
1
5
6
7
8
Q2
Q1


유사한 부품 번호 - FDS6993

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6990 FAIRCHILD-FDS6990 Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990 FAIRCHILD-FDS6990 Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS6993

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
108Kb / 6P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
   MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com