전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC1550INW 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TLC1550INW
상세설명  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550INW 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TLC1550INW Datasheet HTML 2Page - Texas Instruments TLC1550INW Datasheet HTML 3Page - Texas Instruments TLC1550INW Datasheet HTML 4Page - Texas Instruments TLC1550INW Datasheet HTML 5Page - Texas Instruments TLC1550INW Datasheet HTML 6Page - Texas Instruments TLC1550INW Datasheet HTML 7Page - Texas Instruments TLC1550INW Datasheet HTML 8Page - Texas Instruments TLC1550INW Datasheet HTML 9Page - Texas Instruments TLC1550INW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range with internal
clock and minimum sampling time of 4
µs, VDD =VREF+ = 5 V and VREF− = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
UNIT
TLC1550I
Full range
±0.5
EL
Linearity error
TLC1551I
See Note 3
Full range
±1
LSB
EL
Linearity error
TLC1550M
See Note 3
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EZS
Zero-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EZS
Zero-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EFS
Full-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EFS
Full-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
Total unadjusted error
TLC1551I
See Note 5
Full range
±1
LSB
Total unadjusted error
TLC1550M
See Note 5
25
°C
±1
LSB
tc
Conversion time
fclock(external) = 4.2 MHz or
internal clock
6
µs
ta(D)
Data access time after RD goes low
35
ns
tv(D)
Data valid time after RD goes high
5
ns
tdis(D)
Disable time, delay time from RD high to high
impedance
See Figure 3
30
ns
td(EOC) Delay time, RD low to EOC high
0
15
ns
† Full range is − 40°C to 85°C for the TL155xI devices and −55°C to 125°C for the TLC1550M.
‡ All typical values are at VDD = 5 V, TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF+ convert to all 1s (1111111111), while input voltages less than that applied
to REF − convert to all 0s (0000000000). The total unadjusted error may increase as this differential voltage falls below 4.75 V.
3. Linearity error is the difference between the actual analog value at the transition between any two adjacent steps and its ideal value
after zero-scale error and full-scale error have been removed.
4. Zero-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified zero scale.
Full-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified full scale.
5. Total unadjusted error is the difference between the actual analog value at the transition between any two adjacent steps and its
ideal value. It includes contributions from zero-scale error, full-scale error, and linearity error.


유사한 부품 번호 - TLC1550INW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1550INW TI-TLC1550INW Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550INW TI-TLC1550INW Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550INW TI1-TLC1550INW Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
More results

유사한 설명 - TLC1550INW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com