전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2272QDRG4Q1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2272QDRG4Q1
상세설명  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272QDRG4Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TLC2272QDRG4Q1 Datasheet HTML 1Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2272QDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLC2272-Q1
D or PW Package
8-Pin SOIC or TSSOP
Top View
TLC2274-Q1
D or PW Package
14-Pin SOIC or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLC2272-Q1
TLC2274-Q1
1IN+
3
3
I
Noninverting input, channel 1
1IN–
2
2
I
Inverting input, channel 1
1OUT
1
1
O
Output, channel 1
2IN+
5
5
I
Noninverting input, channel 2
2IN–
6
6
I
Inverting input, channel 2
2OUT
7
7
O
Output, channel 2
3IN+
10
I
Noninverting input, channel 3
3IN–
9
I
Inverting input, channel 3
3OUT
8
O
Output, channel 3
4IN+
12
I
Noninverting input, channel 4
4IN–
13
I
Inverting input, channel 4
4OUT
14
O
Output, channel 4
VDD+
8
4
I
Positive (highest) supply
VDD–
4
11
I
Negative (lowest) supply


유사한 부품 번호 - TLC2272QDRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272QDRG4Q1 TI-TLC2272QDRG4Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2272QDRG4Q1 TI1-TLC2272QDRG4Q1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLC2272QDRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com