전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2272AIDRG4 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2272AIDRG4
상세설명  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AIDRG4 데이터시트(HTML) 5 Page - Texas Instruments

  TLC2272AIDRG4 Datasheet HTML 1Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 2Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 3Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 4Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 5Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 6Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 7Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 8Page - Texas Instruments TLC2272AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD.
(3)
Differential voltages are at IN+ with respect to IN–. Excessive current will flow if input is brought below VDD– − 0.3 V.
(4)
The output may be shorted to either supply. Temperature or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD+
(2)
8
V
VDD-
(2)
–8
V
Differential input voltage, VID
(3)
±16
V
Input voltage, VI(any input)
(2)
VDD− − 0.3
VDD+
V
Input current, II (any input)
±5
mA
Output current, IO
±50
mA
Total current into VDD+
±50
mA
Total current out of VDD–
±50
mA
Duration of short-circuit current at (or below) 25°C(4)
Unlimited
Operating free-air temperature range, TA
C level parts
0
70
°C
I, Q level parts
–40
125
M level parts
–55
125
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, N, P or PW package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or U package
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per AEC
Q100-002(1)
Q-grade and M-grade devices in D and
PW packages
±2000
V
Charged-device model (CDM), per
AEC Q100-011
Q-grade and M-grade devices in D and
PW packages
±1000
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD±
Supply voltage
C LEVEL PARTS
±2.2
±8
V
I LEVEL PARTS
±2.2
±8
Q LEVEL PARTS
±2.2
±8
M LEVEL PARTS
±2.2
±8
VI
Input voltage
C LEVEL PARTS
VDD−
VDD+ −1.5
V
I LEVEL PARTS
VDD−
VDD+ −1.5
Q LEVEL PARTS
VDD−
VDD+ −1.5
M LEVEL PARTS
VDD−
VDD+ −1.5
VIC
Common-mode input voltage
C LEVEL PARTS
VDD−
VDD+ −1.5
V
I LEVEL PARTS
VDD−
VDD+ −1.5
Q LEVEL PARTS
VDD−
VDD+ −1.5
M LEVEL PARTS
VDD−
VDD+ −1.5


유사한 부품 번호 - TLC2272AIDRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272AIDRG4 TI-TLC2272AIDRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIDRG4 TI-TLC2272AIDRG4 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIDRG4 TI-TLC2272AIDRG4 Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIDRG4 TI-TLC2272AIDRG4 Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

유사한 설명 - TLC2272AIDRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com