전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU16-1031R0BL 데이터시트(PDF) 3 Page - Coilcraft lnc.

부품명 BU16-1031R0BL
상세설명  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU16-1031R0BL 데이터시트(HTML) 3 Page - Coilcraft lnc.

  BU16-1031R0BL Datasheet HTML 1Page - Coilcraft lnc. BU16-1031R0BL Datasheet HTML 2Page - Coilcraft lnc. BU16-1031R0BL Datasheet HTML 3Page - Coilcraft lnc. BU16-1031R0BL Datasheet HTML 4Page - Coilcraft lnc. BU16-1031R0BL Datasheet HTML 5Page - Coilcraft lnc. BU16-1031R0BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-3
Document 260-3 Revised 08/06/13
Common Mode Chokes - BU9S, BU9HS Series
Frequency range
Inductance2
Inductance difference
Impedance max
@ 75% of
DCR1
Current
L1,L2
L1 - L2
Part number
(kOhms)
impedance max
(Ohms)
max (Aac)
min (mH)
max (µH)
BU9S-153R15BL
71 @ 210 kHz
190 – 230 kHz
5.0
0.15
15.0
300
BU9S-7020R3BL
66 @ 330 kHz
300 – 360 kHz
2.5
0.30
7.0
200
BU9HS-153R15BL
71 @ 210 kHz
190 – 230 kHz
5.0
0.15
15.0
300
BU9HS-7020R3BL
66 @ 330 kHz
300 – 360 kHz
2.5
0.30
7.0
200
Typical Attenuation
Typical Impedance
BU9S
BU9HS
3
3
2
2
2
4
4
4
1
1
1
1
Dot
indicates
pin1
0.69
17,5
max
max
0.49
12,5
0.31 ±0.02
8,0 ±0,5
0.31 ±0.02
8,0 ±0,5
0.157 ±0.04
4,0 ±1,0
0.276 ±0.02
7,0 ±0,5
0.276 ±0.02
7,0 ±0,5
max
0.61
15,5
max
0.43
11,0
4
1
3
2
0.024
0,6
0.040
1,0
Recommended
Board Layout
3
3
2
2
2
4
4
4
1
1
1
1
0.024
0,6
Dot
indicates
pin 1
0.69
17,5
max
max
0.67
17,0
0.31 ±0.02
8,0 ±0,5
0.157 ±0.04
4,0 ±1,0
0.276 ±0.02
7,0 ±0,5
max
0.43
11,0
4
1
3
2
0.31 ±0.02
8,0 ±0,5
0.276 ±0.02
7,0 ±0,5
0.040
1,0
Recommended
Board Layout
1. DCR is per winding
2. Inductance tested at 1 kHz, 1Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. 1000Vrms typical isolation between windings.
4. Electrical specifications at 25°C.


유사한 부품 번호 - BU16-1031R0BL

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU16-10 FRONTIER-BU16-10 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU16-1031R0BL

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com