전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU10-1811R2BL 데이터시트(PDF) 1 Page - Coilcraft lnc.

부품명 BU10-1811R2BL
상세설명  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU10-1811R2BL 데이터시트(HTML) 1 Page - Coilcraft lnc.

  BU10-1811R2BL Datasheet HTML 1Page - Coilcraft lnc. BU10-1811R2BL Datasheet HTML 2Page - Coilcraft lnc. BU10-1811R2BL Datasheet HTML 3Page - Coilcraft lnc. BU10-1811R2BL Datasheet HTML 4Page - Coilcraft lnc. BU10-1811R2BL Datasheet HTML 5Page - Coilcraft lnc. BU10-1811R2BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-1
Document 260-1 Revised 08/06/13
Common Mode Chokes – BU Series
These low cost, high performance choke coils are de-
signed to virtually eliminate line conducted common
mode noise.
The BU9S and BU9HS families are ideal for signal line
applications; the others can be used in switching power
supplies and power supply circuits. All provide significant
attenuation of common mode noise across a broad range
of frequencies.
For height-restricted applications, the BU9 and BU9S
filters are available in a horizontal configuration, which
reduces their height to under half an inch (12.5 mm).
For free evaluation samples, contact Coilcraft or request
them on-line at
www.coilcraft.com.
Core material Ferrite
Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost.
Weight BU9: 3.1 – 4.1 g
BU9H: 3.1 – 4.1 g
BU9HS: 3.1 – 3.8 g
BU9S: 3.1 – 3.8 g
BU10: 6.3 – 6.9 g
BU15: 14.6 – 16.1 g
BU16: 15.1 – 18.0 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tray packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging BU9: 100 per tray
BU9H: 100 per tray
BU9HS: 100 per tray
BU9S: 100 per tray
BU10: 100 per tray
BU15: 80 per tray
BU16: 80 per tray
PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf.


유사한 부품 번호 - BU10-1811R2BL

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
BU10-10 FRONTIER-BU10-10 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-10F FRONTIER-BU10-10F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

유사한 설명 - BU10-1811R2BL

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com