전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4810DY-T1 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4810DY-T1
상세설명  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4810DY-T1 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4810DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4810DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4810DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4810DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4810DY-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si4810DY
Vishay Siliconix
Document Number: 70802
S-31062—Rev. F, 26-May-03
www.vishay.com
2-1
N-Channel 30-V (D-S) MOSFET with Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.0135 @ VGS = 10 V
10
30
0.020 @ VGS = 4.5 V
8
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.53 V @ 3.0 A
4.0
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
DD
G
S
D
Schottky Diode
S
D
S
Ordering Information:
Si4810DY
Si4810DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage (MOSFET)
VDS
30
Reverse Voltage (Schottky)
VDS
30
V
Gate-Source Voltage (MOSFET)
VGS
"20
V
Continuous Drain Current (TJ = 150_C) (MOSFET)a, b
TA = 25_C
ID
10
Continuous Drain Current (TJ = 150_C) (MOSFET)a, b
TA = 70_C
ID
8
Pulsed Drain Current (MOSFET)
IDM
50
A
Continuous Source Current (MOSFET Diode Conduction)a, b
IS
2.3
A
Average Foward Current (Schottky)
IF
4.0
Pulsed Foward Current (Schottky)
IFM
50
Maximum Power Dissipation (MOSFET)a, b
TA = 25_C
2.5
Maximum Power Dissipation (MOSFET)a, b
TA = 70_C
PD
1.6
W
Maximum Power Dissipation (Schottky)a, b
TA = 25_C
PD
2.0
W
Maximum Power Dissipation (Schottky)a, b
TA = 70_C
1.3
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Device
Symbol
Typical
Maximum
Unit
M
i
J
ti
t A bi
t (t
10
)a
MOSFET
50
Maximum Junction-to-Ambient (t
v 10 sec)a
Schottky
R
60
_C/W
Maximum Junction to Ambient (t
steady state)a
MOSFET
RthJA
70
_C/W
Maximum Junction-to-Ambient (t = steady state)a
Schottky
80
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


유사한 부품 번호 - SI4810DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4810BDY VISHAY-SI4810BDY Datasheet
53Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 26-May-03
SI4810BDY-T1 VISHAY-SI4810BDY-T1 Datasheet
53Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 26-May-03
More results

유사한 설명 - SI4810DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com