전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3705N 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC3705N
상세설명  HIGH SPEED POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3705N 데이터시트(HTML) 1 Page - Texas Instruments

  UC3705N Datasheet HTML 1Page - Texas Instruments UC3705N Datasheet HTML 2Page - Texas Instruments UC3705N Datasheet HTML 3Page - Texas Instruments UC3705N Datasheet HTML 4Page - Texas Instruments UC3705N Datasheet HTML 5Page - Texas Instruments UC3705N Datasheet HTML 6Page - Texas Instruments UC3705N Datasheet HTML 7Page - Texas Instruments UC3705N Datasheet HTML 8Page - Texas Instruments UC3705N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
UC1705
UC2705, UC3705
www.ti.com
SLUS370D – JULY 1995 – REVISED MARCH 2012
HIGH SPEED POWER DRIVER
Check for Samples: UC1705, UC2705, UC3705
1
FEATURES
1.5 A Source/Sink Drive
Low Quiescent Current
100 nsec Delay
5 V to 40 V Operation
40 nsec Rise Fall into 1000 pF
Thermal Shutdown Protection
Inverting and Non-Inverting Inputs
Minidip and Power Packages
Low Cross-Conduction Current Spike
DESCRIPTION
The UC1705 family of power drivers is made with a high sppeed Schottky process to interface between low-level
control functions and high-power switching devices - particularly power MOSFETs. These devices are also an
optimum choise for capacitive line drivers where up to 1.5 A may be switched in either direction. With both
inverting and non-inverting inputs available, logic signals of either polarity may be accepted, or one input can be
used to gate or strobe the other.
Supply voltages for both VS and VC can independently range from 5 V to 40 V. For additional application details,
see the UC1707/3707 data sheet (SLUS177).
The UC1705 is packaged in an 8-pin hermetically sealed CERDIP for -55°C to 125°C operation. The UC3705 is
specified for a temperature range of 0°C to 70°C and is available in either a plastic minidip or a 5-pin, power
TO-220 package.
TRUTH TABLE
(1) (2)
INV
N.I
OUT
H
H
L
L
H
H
H
L
L
L
L
L
(1)
OUT = INV and N.I.
(2)
OUT = INV and N.i.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - UC3705N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3705N TI-UC3705N Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC3705NG4 TI-UC3705NG4 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
More results

유사한 설명 - UC3705N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1705 TI-UC1705 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com