전자부품 데이터시트 검색엔진 |
|
UA7815CKC 데이터시트(PDF) 1 Page - Texas Instruments |
|
UA7815CKC 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 29 page +V +V O 0.1 µF 0.33 µF µA78xx Product Folder Sample & Buy Technical Documents Tools & Software Support & Community uA7805, uA7808, uA7810 uA7812, uA7815, uA7824 SLVS056P – MAY 1976 – REVISED JANUARY 2015 µA78xx Fixed Positive Voltage Regulators 1 Features 3 Description This series of fixed-voltage integrated-circuit voltage 1 • 3-Terminal Regulators regulators is designed for a wide range of • Available in fixed 5-V/8-V/10-V/12-V/15-V/24-V applications. These applications include on-card options regulation for elimination of noise and distribution • Output Current up to 1.5 A problems associated with single-point regulation. Each of these regulators can deliver up to 1.5 A of • Internal Thermal-Overload Protection output current. The internal current-limiting and • High Power-Dissipation Capability thermal-shutdown features of these regulators • Internal Short-Circuit Current Limiting essentially make them immune to overload. In addition to use as fixed-voltage regulators, these • Output Transistor Safe-Area Compensation devices can be used with external components to • Output Capacitor Not Needed for Stability obtain adjustable output voltages and currents, and also can be used as the power-pass element in 2 Applications precision regulators. • On-card Regulation Device Information(1) • Portable Devices PART NUMBER PACKAGE BODY SIZE (NOM) • Computing & Servers TO-220 (3) 10.16 mm x 8.82 mm • Telecommunications μA78xx TO-220 (3) 10.16 mm x 8.82 mm TO-263 (3) 10.06 mm x 9.02 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. 4 Simplified Schematic 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
유사한 부품 번호 - UA7815CKC |
|
유사한 설명 - UA7815CKC |