전자부품 데이터시트 검색엔진 |
|
MC1455P1 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC1455P1 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 10 page MC1455, MC1455B, NCV1455B http://onsemi.com 2 MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.) Rating Symbol Value Unit Power Supply Voltage VCC +18 Vdc Discharge Current (Pin 7) I7 200 mA Power Dissipation (Package Limitation) P1 Suffix, Plastic Package Derate above TA = +25°C D Suffix, Plastic Package Derate above TA = +25°C PD PD 625 5.0 625 160 mW mW/ °C mW °C/W Operating Temperature Range (Ambient) MC1455B MC1455 NCV1455B TA −40 to +85 0 to +70 −40 to +125 °C Maximum Operating Die Junction Temperature TJ +150 °C Storage Temperature Range Tstg −65 to +150 °C ELECTRICAL CHARACTERISTICS (TA = +25°C, VCC = +5.0 V to +15 V, unless otherwise noted.) Characteristics Symbol Min Typ Max Unit Operating Supply Voltage Range VCC 4.5 − 16 V Supply Current VCC = 5.0 V, RL = R VCC = 15 V, RL = R, Low State (Note 1) ICC − − 3.0 10 6.0 15 mA Timing Error (R = 1.0 k W to 100 kW) (Note 2) Initial Accuracy C = 0.1 mF Drift with Temperature Drift with Supply Voltage − − − 1.0 50 0.1 − − − % PPM/ °C %/V Threshold Voltage/Supply Voltage Vth/VCC − 2/3 − Trigger Voltage VCC = 15 V VCC = 5.0 V VT − − 5.0 1.67 − − V Trigger Current IT − 0.5 − mA Reset Voltage VR 0.4 0.7 1.0 V Reset Current IR − 0.1 − mA Threshold Current (Note 3) Ith − 0.1 0.25 mA Discharge Leakage Current (Pin 7) Idischg − − 100 nA Control Voltage Level VCC = 15 V VCC = 5.0 V VCL 9.0 2.6 10 3.33 11 4.0 V Output Voltage Low ISink = 10 mA (VCC = 15 V) ISink = 50 mA (VCC = 15 V) ISink = 100 mA (VCC = 15 V) ISink = 200 mA (VCC = 15 V) ISink = 8.0 mA (VCC = 5.0 V) ISink = 5.0 mA (VCC = 5.0 V) VOL − − − − − − 0.1 0.4 2.0 2.5 − 0.25 0.25 0.75 2.5 − − 0.35 V Output Voltage High VCC = 15 V (ISource = 200 mA) VCC = 15 V (ISource = 100 mA) VCC = 5.0 V (ISource = 100 mA) VOH − 12.75 2.75 12.5 13.3 3.3 − − − V Rise Time Differential Output tr − 100 − ns Fall Time Differential Output tf − 100 − ns 1. ‘Supply current when output is high is typically 1.0 mA less. 2. Tested at VCC = 5.0 V and VCC = 15 V Monostable mode. 3. This will determine the maximum value of RA + RB for 15 V operation. The maximum total R = 20 MW . 4. Tlow = 0°C for MC1455, Tlow = −40°C for MC1455B, NCV1455B Thigh = +70°C for MC1455, Thigh = +85°C for MC1455B, Thigh = +125°C for NCV1455B 5. NCV prefix is for Automotive and other applications requiring site and change control. |
유사한 부품 번호 - MC1455P1 |
|
유사한 설명 - MC1455P1 |