전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3725 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3725
상세설명  Isolated High Side FET Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3725 데이터시트(HTML) 2 Page - Texas Instruments

  UC3725 Datasheet HTML 1Page - Texas Instruments UC3725 Datasheet HTML 2Page - Texas Instruments UC3725 Datasheet HTML 3Page - Texas Instruments UC3725 Datasheet HTML 4Page - Texas Instruments UC3725 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CONNECTION DIAGRAMS
DIL-8 (Top View)
J Or N Package
UC1725
UC2725
UC3725
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
ISENSE
2
N/C
3-5
Timing
6
Enable
7
N/C
8-9
Input A
11
N/C
12-14
Input B
15
Gnd
16
VCC
17
N/C
18-19
Output
20
PLCC-20 (Top View)
Q Package
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (pin 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Power inputs (pins 7 & 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Output current, source or sink (pin 2)
DC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5 us) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0A
Enable and Current limit inputs (pins 4 & 6). . . . . . . . -0.3 to 6V
Power Dissipation at TA
≤ 25°C (DIL-8) . . . . . . . . . . . . . . . . 1W
Power Dissipation at TA
≤ 25°C (SO-14) . . . . . . . . . . . . 725mW
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
Note 1: Unless otherwise indicated, voltages are referenced to
ground and currents are positive into, negative out of, the speci-
fied terminals (pin numbers refer to DIL-8 package).
Note 2: See Unitrode Integrated Circuits databook for
information regarding thermal specifications and limitations of
packages.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER INPUT SECTION (PINS 7 & 8)
Forward Diode Drop, Schottky Rectifier
IF = 50ma
.55
.7
V
IF = 500ma
1.1
1.5
V
CURRENT LIMIT SECTION (PIN 4)
Input bias current
VPIN4 = OV
-1
-10
µA
Threshold voltage
0.4
0.5
0.6
V
Delay to outputs
VPIN4 = 0 to 1V
100
250
ns
TIMING SECTION (PIN 5)
Output Off Time
27
30
33
µs
Upper Mono Threshold
6.3
7.0
7.7
V
Lower Mono Threshold
1.9
2.0
2.3
V
HYSTERESIS AMPLIFIER (PINS 7 & 8)
Input Open Circuit Voltage
Inputs (pins 7 & 8), Open Circuited, TA= 25°C
7.0
Vcc/2
8.0
V
Input Impedance
TA = 25°C
23
28
33
k
Hysteresis
26.5
2*Vcc
30.5
V
Delay to Outputs
VPIN7 - VPIN8 = VCC + 1V
100
300
ns
ELECTRICAL CHARACTERISTICS: (Unless otherwise stated, these specifications apply for -55°C≤TA≤+125°C for
UC1725; -25
°C≤TA≤+85°C for UC2725; 0°C≤TA≤+70°C for UC3725; VCC (pin 3) =
0 to 15V, RT=10k, CT=2.2nf, TA =TJ, pin numbers refer to DIL-8 package.)
SOIC-16 (Top View)
DW Package
DIL-16 (Top View)
JE Or NE Package
2


유사한 부품 번호 - UC3725

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3725 TI-UC3725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725 TI-UC3725 Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results

유사한 설명 - UC3725

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1727 TI-UC1727 Datasheet
387Kb / 7P
[Old version datasheet]   Isolated High Side IGBT Driver
UC2727J TI-UC2727J Datasheet
329Kb / 8P
[Old version datasheet]   Isolated High Side IGBT Driver
logo
Analog Devices
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com