전자부품 데이터시트 검색엔진 |
|
UC2827DW-2 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
UC2827DW-2 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 16 page I RT + 2.5 V R RT (3) UC2827-1, UC2827-2 UC3827-1, UC3827-2 SLUS365D – APRIL 1999 – REVISED APRIL 2011 www.ti.com Terminal Functions (continued) TERMINAL I/O DESCRIPTION N or NAME Q DW Ground referenced output to drive an N-channel MOSFET. The PULL and the PUSH outputs are driving PUSH 24 28 O the two switches of the push-pull converter with complementary signals at close to a 50% duty cycle. Any undervoltage faults disables PUSH to an off condition (low). The RAMP voltage, after a 700 mV internal level shift, is fed to the noninverting input of the buck PWM comparator. A resistor to VIN and a capacitor to GND provide an input voltage feedforward signal for the buck controller in voltage mode control. In peak current mode control, the RAMP pin receives the RAMP 5 6 I current signal of the buck converter. In an average current mode setup, the RAMP pin has a linearly increasing ramp signal. This waveform may be generated either by connecting RAMP directly to CT, or by connecting both a resistor from VCC to RAMP and a capacitor from RAMP to GND. The output of the +5V on board reference. Bypass this pin with a capacitor to GND. The reference is off REF 15 16 O when the chip is in undervoltage lockout mode.o A resistor to GND programs the charge current of the timing capacitor connected to CT. The charge current approximately equals that shown in equation(3). The charge current should be less than 500 µA RT 17 19 I to keep CT's discharge peak current less than 20 mA, which is CT's maximum practical discharge value. The discharge time, which sets the maximum duty cycle, is set internally and is influenced by the charge current. The source connection for the floating buck switch. The voltage on the SRC pin can exceed VCC but SRC 3 4 I must be lower than 90 V –VVCC. Also, during turn-off transients of the buck switch, the voltage at SRC can go to –2V. 5Soft-start pin requires a capacitor to GND. During soft-start the output of the voltage error amplifier is SS 4 5 O clamped to the soft-start capacitor voltage which is slowly charged by an internal current source. In UVLO, SS is held low. A bidirectional pin for the oscillator., used to synchronize several chips to the fastest oscillator. Its input synchronization threshold is 1.4 V. The SYNC voltage is 3.6 V when the oscillator capacitor, CT, is SYNC 19 21 I discharged. Otherwise it is 0 V. If the recommended synchronization circuit is not used, a 1 k Ω or lower value resistor from SYNC to GND may be needed to increase the fall time of the signal at SYNC. A voltage source connected to this pin supplies the power for the UC3827. It is recommended to bypass VCC 23 27 I this pin to both GND and PGND ground connections with good quality high frequency capacitors VEA+ 14 15 I Non-inverting input of the voltage error amplifier VEA- 16 18 I Inverting input of the voltage error amplifier VEAO 10 11 O Output of the voltage error amplifier Supply voltage for the buck output. The floating driver of the UC3827 uses the bootstrap technique which requires a reservoir capacitor to store the required energy for the on time of the buck switch. A V+ 1 1 I diode must be connected from VCC to V+ to charge the reservoir capacitor. This diode must be able to withstand VIN. The reservoir capacitor must be connected between V+ and SRC. 6 Copyright © 1999–2011, Texas Instruments Incorporated |
유사한 부품 번호 - UC2827DW-2 |
|
유사한 설명 - UC2827DW-2 |