전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2843A 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2843A
상세설명  CURRENT-MODE PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2843A 데이터시트(HTML) 6 Page - Texas Instruments

Back Button UC2843A Datasheet HTML 2Page - Texas Instruments UC2843A Datasheet HTML 3Page - Texas Instruments UC2843A Datasheet HTML 4Page - Texas Instruments UC2843A Datasheet HTML 5Page - Texas Instruments UC2843A Datasheet HTML 6Page - Texas Instruments UC2843A Datasheet HTML 7Page - Texas Instruments UC2843A Datasheet HTML 8Page - Texas Instruments UC2843A Datasheet HTML 9Page - Texas Instruments UC2843A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
UC2842AQ, UC2843AQ, UC2844AQ, UC2845AQ
CURRENT-MODE PWM CONTROLLER
SGLS164 – APRIL 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = –40_C to 125_C, VCC = 15 V (see Note 1), RT = 10 kΩ, CT = 3.3 nF, and
TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM Section
Maximum duty cycle
UC2842A, UC2843A
94
96
100
%
Maximum duty cycle
UC2844A, UC2845A
47
48
50
%
Minimum duty cycle
0
%
Total Standby Current
Start-up current
0.3
0.5
mA
Operating supply current
FB = 0 V,
SENSE = 0 V
11
17
mA
VCC internal zener voltage
ICC = 25 mA
30
34
V
NOTES:
1. Adjust VCC above the start threshold before setting at 15 V.
2. Not production tested.
3. Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temp Stability =
VREF (max) – VREF (min)
TJ (max) – TJ (min)
. VREF (max) and VREF (min) are the maximum and minimum reference voltage measured
over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the extremes in temperature.
4. Output frequency equals oscillator frequency for the UC2842A and UC2843A. Output frequency is one half oscillator frequency for the
UC2844A and UC2845A.
5. This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 µA of current to the measurement. The total
current flowing into the RT/C pin will be approximately 300 µA higher than the measured value.
6. Parameter measured at trip point of latch with VFB at 0 V.
7. Gain is defined by:
A =
DVCOMP
DVSENSE
; 0
v VSENSE v 0.8 V.
PA
RAMETER MEASUREMENT INFORMATION
Error Amp can source and sink up to 0.5 mA, and sink up to 2 mA.
Figure 1. Error Amp Configuration


유사한 부품 번호 - UC2843A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UC2843A STMICROELECTRONICS-UC2843A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2843A STMICROELECTRONICS-UC2843A Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Microsemi Corporation
UC2843A MICROSEMI-UC2843A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2843A TI-UC2843A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC2843A TI-UC2843A Datasheet
591Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

유사한 설명 - UC2843A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com