전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3844NG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC3844NG4
상세설명  Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3844NG4 데이터시트(HTML) 1 Page - Texas Instruments

  UC3844NG4 Datasheet HTML 1Page - Texas Instruments UC3844NG4 Datasheet HTML 2Page - Texas Instruments UC3844NG4 Datasheet HTML 3Page - Texas Instruments UC3844NG4 Datasheet HTML 4Page - Texas Instruments UC3844NG4 Datasheet HTML 5Page - Texas Instruments UC3844NG4 Datasheet HTML 6Page - Texas Instruments UC3844NG4 Datasheet HTML 7Page - Texas Instruments UC3844NG4 Datasheet HTML 8Page - Texas Instruments UC3844NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
VIN
UC2843
VCC
VREF
RT/CT
GROUND
COMP
VFB
ISENSE
OUTPUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UC1842, UC2842, UC3842, UC1843, UC2843, UC3843
UC1844, UC2844, UC3844, UC1845, UC2845, UC3845
SLUS223D – APRIL 1997 – REVISED AUGUST 2016
UCx84x Current-Mode PWM Controllers
1 Features
1
1
Optimized for Off-Line and DC-to-DC Converters
Low Start-Up Current (< 1 mA)
Automatic Feedforward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load-Response Characteristics
Undervoltage Lockout With Hysteresis
Double-Pulse Suppression
High-Current Totem-Pole Output
Internally Trimmed Bandgap Reference
Up to 500-kHz Operation
Error Amplifier With Low Output Resistance
2 Applications
Switching Regulators of Any Polarity
Transformer-Coupled DC-DC Converters
3 Description
The UCx84x series of control integrated circuits
provide the features that are necessary to implement
off-line or DC-to-DC fixed-frequency current-mode
control schemes, with a minimum number of external
components. The internally implemented circuits
include an undervoltage lockout (UVLO), featuring a
start-up current of less than 1 mA, and a precision
reference trimmed for accuracy at the error amplifier
input. Other internal circuits include logic to ensure
latched operation, a pulse-width modulation (PWM)
comparator that also provides current-limit control,
and a totem-pole output stage that is designed to
source or sink high-peak current. The output stage,
suitable for driving N-channel MOSFETs, is low when
it is in the off state.
The UCx84x family offers a variety of package
options,
temperature
range
options,
choice
of
maximum duty cycle, and choice of turnon and turnoff
thresholds and hysteresis ranges. Devices with
higher turnon or turnoff hysteresis are ideal choices
for off-line power supplies, while the devices with a
narrower hysteresis range are suited for DC-DC
applications. The UC184x devices are specified for
operation from –55°C to 125°C, the UC284x series is
specified for operation from –40°C to 85°C, and the
UC384x series is specified for operation from 0°C to
70°C.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
UC184x
CDIP (8)
9.60 mm × 6.67 mm
LCCC (20)
8.89 mm × 8.89 mm
CFP (8)
9.21 mm × 5.97 mm
UC284x
SOIC (8)
4.90 mm × 3.91 mm
SOIC (14)
8.65 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
UC384x
SOIC (8)
4.90 mm × 3.91 mm
SOIC (14)
8.65 mm × 3.91 mm
PDIP (8)
9.81 mm × 6.35 mm
CFP (8)
9.21 mm × 5.97 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application


유사한 부품 번호 - UC3844NG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3844NG4 TI-UC3844NG4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3844NG4 TI-UC3844NG4 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

유사한 설명 - UC3844NG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com