전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC285-2 데이터시트(PDF) 5 Page - Texas Instruments

부품명 UC285-2
상세설명  FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC285-2 데이터시트(HTML) 5 Page - Texas Instruments

  UC285-2 Datasheet HTML 1Page - Texas Instruments UC285-2 Datasheet HTML 2Page - Texas Instruments UC285-2 Datasheet HTML 3Page - Texas Instruments UC285-2 Datasheet HTML 4Page - Texas Instruments UC285-2 Datasheet HTML 5Page - Texas Instruments UC285-2 Datasheet HTML 6Page - Texas Instruments UC285-2 Datasheet HTML 7Page - Texas Instruments UC285-2 Datasheet HTML 8Page - Texas Instruments UC285-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212F − NOVEMBER 1999 − REVISED MAY 2009
5
www.ti.com
APPLICATION INFORMATION
The UC385 is easy to use. The adjustable version requires two resistors to set the output voltage. The fixed
versions of the UC385 require no external resistors. All versions of the UC385 require decoupling capacitors
on the input and output. In a typical application, VB and VIN are driven from switching power supplies which
may have large filter capacitors at their outputs. If the UC385 is further than 12 inches from the power supply,
it is recommended to add local decoupling as close as possible to the linear regulator.
Decouple the output of the UC385 with at least 100
µF of high quality tantalum or Sanyo OSCON capacitors
close to the VOUT pin for maximum stability. Many applications involving ultrafast GTL or BTL applications
require additional capacitance close to the load. The exact amount will vary according to speed and magnitude
of the load transients and the tolerance allowed for transients on VOUT. When specifying the decoupling
capacitors, the series resistance of the capacitor bank is an important factor in its ability to filter load transients.
The UC385 allows for Kelvin sensing the voltage at the load. This improves regulation performance and
eliminates the voltage drops due to wire trace resistance. This voltage drop must be added to the headroom
(VIN to VOUT and VB to VOUT). The dropout of 350 mV is measured at the pins and does not include additional
drops due to trace resistance.
OPEN LOOP PHASE
vs.
FREQUENCY
f − Frequency − Hz
10 M
1 M
100 k
10 k
1 k
100
−180
−90
0
Figure 3
CO = 100 µF
IL = 1 A
Figure 4
OPEN LOOP GAIN
vs.
FREQUENCY
10 M
1 M
100 k
10 k
1 k
100
−10
0
10
20
30
40
50
60
70
f − Frequency − Hz
CO = 100 µF
IL = 1 A


유사한 부품 번호 - UC285-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC285-2 TI-UC285-2 Datasheet
265Kb / 13P
[Old version datasheet]   FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
More results

유사한 설명 - UC285-2

제조업체부품명데이터시트상세설명
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com