전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2634 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UC2634
상세설명  Phase Locked Frequency Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2634 데이터시트(HTML) 3 Page - Texas Instruments

  UC2634 Datasheet HTML 1Page - Texas Instruments UC2634 Datasheet HTML 2Page - Texas Instruments UC2634 Datasheet HTML 3Page - Texas Instruments UC2634 Datasheet HTML 4Page - Texas Instruments UC2634 Datasheet HTML 5Page - Texas Instruments UC2634 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Dividers (cont.)
Div. 4/5 Input Threshold
(Q Package Only, Note 4)
0.5
1.6
2.2
V
Div. 2/4/8 Input Current
Input = 5V (Div. by 8)
150
500
µA
Input = 0V (Div. by 2)
-500
-150
µA
Div. 2/4/8 Open Current Voltage
Input Current = 0
µA (Div. by 4)
1.5
2.5
3.5
V
Div. by 2 Threshold
0.20
0.8
V
Div. by 4 Threshold
1.5
3.5
V
Div. by 8 Threshold
Volts Below VREF
0.20
0.8
V
Sense Amplifier
Threshold Voltage
Percent of VREF
27
30
33
%
Threshold Hysteresis
10
mV
Input Bias Current
Input = 1.5V
-1.0
-0.2
µA
Two Phase Drive Outputs, A and B
Saturation Voltage
IOUT = 16mA
0.3
0.6
V
Leakage Current
VOUT = 15V
0.1
5.0
µA
Disable Input
Input Current
Input = 5V (Disabled, A and B Outputs Active Low)
150
500
µA
Input = 0V (Enabled)
-5.0
0.0
5.0
µA
Threshold Voltage
0.5
1.6
2.2
V
Phase Detector
High Output Level
Positive Phase / Freq. Error, Volts Below VREF
0.2
0.5
V
Low Output Level
Negative Phase / Freq. Error
0.2
0.5
V
Mid Output Level
Zero Phase / Freq. Error, Percent of VREF
47
50
53
%
High Level Maximum Source Current
VOUT = 4.3V
2.0
8.0
mA
Low Level Maximum Sink Current
VOUT = 0.7V
2.0
5.0
mA
Mid Level Output Impedance (Note 3)
IOUT = -200 to +200
µA, TJ = 25°C
4.5
6.0
7.5
k
Lock Indicator Output
Saturation Voltage
Freq. Error, IOUT = 5mA
0.3
0.45
V
Leakage Current
Zero Freq. Error, VOUT = 15V
0.1
1.0
µA
Loop Amplifier
N INV. Reference Voltage
Percent of VREF
47
50
53
%
Input Bias Current
Input = 2.5V
-0.8
-0.2
µA
AVOL
60
75
dB
PSRR
+VIN = 8V to 15V
70
100
dB
Short Circuit Current
Source, VOUT = 0V
16
35
mA
Sink, VOUT = 5V
16
30
mA
Buffer Op-Amp
Input Offset Voltage
VCM = 2.5V
8
mV
Input Bias Current
VCM = 2.5V
-0.8
-0.2
µA
PSRR
+VIN = 8 to 15V
70
100
dB
CMRR
VCM = 0 to 10V
70
100
dB
Short Circuit Current
Source, VOUT = 0V
16
35
mA
Sink, VOUT = 5V
16
30
mA
Note 3: These impedance levels will vary with TJ at about 1700ppm/°C.
Note 4: This part is also available in a 20 pin plastic leadless chip carrier, Q designator, where a divide by 4/5 select pin is available.
Consult factory for details.
UC1634
UC2634
UC3634
Unless otherwise stated, these specifications apply for TA = 0°C to +70°C for the
UC3634, -25°C to + 85°C for the UC2634 and -55°C to +125°C for the UC1634,
+VIN = 12V. TA=TJ
ELECTRICAL CHARACTERISTICS:
3


유사한 부품 번호 - UC2634

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2634 TI-UC2634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
More results

유사한 설명 - UC2634

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1633 TI-UC1633 Datasheet
558Kb / 8P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com