전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2715DP 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC2715DP
상세설명  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2715DP 데이터시트(HTML) 4 Page - Texas Instruments

  UC2715DP Datasheet HTML 1Page - Texas Instruments UC2715DP Datasheet HTML 2Page - Texas Instruments UC2715DP Datasheet HTML 3Page - Texas Instruments UC2715DP Datasheet HTML 4Page - Texas Instruments UC2715DP Datasheet HTML 5Page - Texas Instruments UC2715DP Datasheet HTML 6Page - Texas Instruments UC2715DP Datasheet HTML 7Page - Texas Instruments UC2715DP Datasheet HTML 8Page - Texas Instruments UC2715DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC1714, UC1715, UC2714
UC2715, UC3714, UC3715
SLUS170B – FEBRUARY 1999 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS
AUX The AUX switches immediately at the rising edge of INPUT’but waits through the T2 delay after the falling
edge of INPUT before switching. AUX is capable of sourcing 0.5 A and sinking 1 A of drive current. See
the Time Relationships diagram below (Figure 1) for the differences between the UC1714 and UC1715 for
INPUT, MAIN, and AUX. During sleep mode, AUX is inactive with a high impedance.
ENBL The ENBL input switches at TTL logic levels (approximately 1.2 V), and the input range is from 0 to 20 V.
The ENBL input places the device into sleep mode when it is a logical low. The current into VCC during
the sleep mode is typically 220
μA.
GND This is the reference pin for all input voltages and the return point for all device currents. GND carries the
full peak sinking current from the outputs. Any tendency for the outputs to ring below GND voltage must
be damped or clamped such that GND remains the most negative potential.
INPUT The input switches at TTL logic levels (approximately 1.4 V) but the allowable range is from 0 to 20 V,
allowing direct connection to most common IC PWM controller outputs. The rising edge immediately
switches the AUX output, and initiates a timing delay, T1, before switching on the PWR output. Similarly,
the INPUT falling edge immediately turns off the PWR output and initiates a timing delay, T2, before
switching the AUX output.
Note that if the input signal comes from a controller with FET drive capability, this signal provides another
option. INPUT and PWR provide a delay only at the leading edge while INPUT and AUX provide the delay
at the trailing edge.
PWR The PWR output waits for the T1 delay after the rising edge of INPUT before switching on, but switches
off immediately at the falling edge of INPUT’(neglecting propagation delays). This output is capable of
sourcing 1 A and sinking 2 A of peak gate-drive current. PWR output includes a passive, self-biased circuit
which holds this pin active low, when ENBL
≤ 0.8V regardless of the voltage of VCC.
T1
A resistor to ground programs the time delay between the AUX switch turnoff and PWR turnon.
T2
This pin functions in the same way as T1 but controls the time delay between PWR turnoff and activation
of the AUX switch.
T1, T2 The resistor on each of these pins sets the charging current on internal timing capacitors to provide
independent time control. The nominal voltage level at each pin is 3 V and the current is internally limited
to 1 mA. The total delay from INPUT to each output includes a propagation delay in addition to the
programmable timer but because the propagation delays are approximately equal, the relative time delay
between the two outputs can be assumed to be solely a function of the programmed delays. The
relationship of the time delay vs. RT is shown in the TYPICAL CHARACTERISTICS curves (see Figure 2).
Either or both pins are alternatively used for voltage sensing in lieu of delay programming, which is done
by pulling the timer pins below their nominal voltage level which immediately activates the timer output.
VCC The VCC input range is from 7 to 20 V. This pin must be bypassed with a capacitor to GND consistent with
peak load current demands.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: UC1714 UC1715 UC2714 UC2715 UC3714 UC3715


유사한 부품 번호 - UC2715DP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2715DP TI1-UC2715DP Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC2715DPG4 TI1-UC2715DPG4 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

유사한 설명 - UC2715DP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1714 TI1-UC1714_13 Datasheet
773Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com