전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA3730 데이터시트(PDF) 6 Page - UMC Corporation

부품명 UA3730
상세설명  SECURITY LOCK WITH ALARM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMC [UMC Corporation]
홈페이지  http://www.umc.com
Logo UMC - UMC Corporation

UA3730 데이터시트(HTML) 6 Page - UMC Corporation

  UA3730 Datasheet HTML 1Page - UMC Corporation UA3730 Datasheet HTML 2Page - UMC Corporation UA3730 Datasheet HTML 3Page - UMC Corporation UA3730 Datasheet HTML 4Page - UMC Corporation UA3730 Datasheet HTML 5Page - UMC Corporation UA3730 Datasheet HTML 6Page - UMC Corporation UA3730 Datasheet HTML 7Page - UMC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Package Information
P-DIP 18L Outline Dimension
B
.
+ 0.004
0.46
0.05
0.060
0.002
1.52
C
0.010 +
0.002
-0.05
‘55
0.020
9.02
0.51
0.055 Max.
1.40 Max.
Note:
The
value
D
end
2. The
3. The
S incluoes end
All
are baseo on
6


유사한 부품 번호 - UA3730

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UA308 ETC2-UA308 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA308A ETC2-UA308A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Carlo Gavazzi Holding A...
UA30CAD35NGM1TI CARLOGAVAZZI-UA30CAD35NGM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA30CAD35NGTI CARLOGAVAZZI-UA30CAD35NGTI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA30CAD35NKM1TI CARLOGAVAZZI-UA30CAD35NKM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
More results

유사한 설명 - UA3730

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
05485 GENERAL-05485 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
   Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05093 GENERAL-05093 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05783 GENERAL-05783 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238071801 GENERAL-238071801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238101801 GENERAL-238101801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238246001 GENERAL-238246001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1123 GENERAL-C1123 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com