전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ625 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 2SJ625
상세설명  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ625 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button 2SJ625 Datasheet HTML 2Page - Renesas Technology Corp 2SJ625 Datasheet HTML 3Page - Renesas Technology Corp 2SJ625 Datasheet HTML 4Page - Renesas Technology Corp 2SJ625 Datasheet HTML 5Page - Renesas Technology Corp 2SJ625 Datasheet HTML 6Page - Renesas Technology Corp 2SJ625 Datasheet HTML 7Page - Renesas Technology Corp 2SJ625 Datasheet HTML 8Page - Renesas Technology Corp 2SJ625 Datasheet HTML 9Page - Renesas Technology Corp 2SJ625 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D15961EJ1V0DS
5
2SJ625
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
50
100
150
200
250
300
-0.01
-0.1
-1
-10
-100
VGS =
−4.5 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
50
100
150
200
250
300
-0.01
-0.1
-1
-10
VGS =
−2.5 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
SWITCHING CHARACTERISTICS
50
100
150
200
250
300
-0.01
-0.1
-1
-10
VGS =
−1.8 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
10
100
1000
-0.1
-1
-10
VDD =
−10 V
VGS =
−4.0 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current - A
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
Pulsed
VGS = 0 V
VF(S-D) - Source to Drain Voltage - V


유사한 부품 번호 - 2SJ625

제조업체부품명데이터시트상세설명
logo
NEC
2SJ625 NEC-2SJ625 Datasheet
66Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ625 RENESAS-2SJ625_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

유사한 설명 - 2SJ625

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com