전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8260 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA8260
상세설명  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 5Page - NXP Semiconductors TDA8260 Datasheet HTML 6Page - NXP Semiconductors TDA8260 Datasheet HTML 7Page - NXP Semiconductors TDA8260 Datasheet HTML 8Page - NXP Semiconductors TDA8260 Datasheet HTML 9Page - NXP Semiconductors TDA8260 Datasheet HTML 10Page - NXP Semiconductors TDA8260 Datasheet HTML 11Page - NXP Semiconductors TDA8260 Datasheet HTML 12Page - NXP Semiconductors TDA8260 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2004 Sep 03
9
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
I2C-bus read mode
I2C-bus read mode: R/W = logic 1 (address LSB;
see Table 7).
When a read sequence is started, all eight bits of the status
byte must be read.
Data can be read from the TDA8260TW by setting the R/W
bit to logic 1. After recognition of its slave address, the
TDA8260TW generates an acknowledge pulse and
transfers the status byte onto the SDA line (MSB first).
Data is valid on the SDA line when the SCL clock signal is
HIGH.
A second data byte can be read from the TDA8260TW if
the microcontroller generates an acknowledge on the SDA
line. End of transmission will occur if no acknowledge is
received from the microcontroller. The TDA8260TW will
then release the data line to allow the microcontroller to
generate a STOP condition.
The POR flag (Power-on reset) is set to logic 1 at
power-on and when VCC goes below 2.7 V. It is reset to
logic 0 when an end-of-data condition is detected by the
TDA8260TW (end of a READ sequence).
The in-lock flag FL indicates that the loop is phase-locked
when set to logic 1.
Table 7
I2C-bus read data format
Notes
1. Acknowledge bit (A).
2. FL is valid only in normal mode.
3. X can be 1 or 0 and needs to be masked in the microcontrollers’ software; MSB is transmitted first.
POWER-ON RESET
Power-on reset flag POR = 1 at power-on.
At power-on, or when the supply voltage drops below 2.7 V, internal registers are reset as shown in Table 8.
Table 8
Status at Power-on reset
Note
1. X = not set.
BYTE
(MSB)
BITS
(LSB)
ACK(1)
Address
1
1
0
0
0
MA1
MA0
1
A
Status byte
POR
FL(2)
X(3)
X(3)
X(3)
X(3)
X(3)
X(3)
BYTE
(MSB)
BITS(1)
(LSB)
Programmable divider (PD1)
0
N14 = X
N13 = X
N12 = X
N11 = X
N10 = X
N9 = X
N8 = X
Programmable divider (PD2)
N7 = X
N6 = X
N5 = X
N4 = X
N3 = X
N12 = X
N1 = X
N0 = X
Control data (CD1)
1
T2 = 0
T1 = 0
T0 = 1
R2 = X
R1 = X
R0 = X
X
Control data (CD2)
C1 = X
C0 = X
XXXXX
X


유사한 부품 번호 - TDA8260

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

유사한 설명 - TDA8260

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
   8PSK/QPSK low-power 3.3 V satellite tuner IC
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
   8PSK/QPSK low-power 3.3-V satellite tuner IC
STV6120 STMICROELECTRONICS-STV6120 Datasheet
59Kb / 4P
   8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com